Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 12Page - Texas Instruments TAS5086 Datasheet HTML 13Page - Texas Instruments TAS5086 Datasheet HTML 14Page - Texas Instruments TAS5086 Datasheet HTML 15Page - Texas Instruments TAS5086 Datasheet HTML 16Page - Texas Instruments TAS5086 Datasheet HTML 17Page - Texas Instruments TAS5086 Datasheet HTML 18Page - Texas Instruments TAS5086 Datasheet HTML 19Page - Texas Instruments TAS5086 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Reset Timing (RESET)
tw(RESET)
Earliest time
that M-State
could be exited
RESET
M-State
tr(DMSTATE) < 200 ns
tr(I2C_ready)
Start system
tr(run)
Determine SCLK rate
and MCLK ratio. Enable via I2C.
T0029-03
Power-Down (PDN) Timing
PDN
M-State
tsu
tp(DMSTATE) < 1 ms
T0030-02
Back-End Error (BKND_ERR)
TAS5086
SLES131C – FEBRUARY 2005 – REVISED JUNE 2008 ................................................................................................................................................... www.ti.com
Control-signal parameters over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
tr(DMSTATE)
Time to M-STATE low
370
ns
tw(RESET)
Pulse duration, RESET active
400
None
ns
tr(I2C_ready)
Time to enable I2C
3
ms
tr(run)
Device start-up time
10
ms
NOTE: Because a crystal time base is used, the system determines the CLK rates. Once the data rate and master clock ratio
are determined, the system outputs audio if a master volume command is issued.
Figure 12. Reset Timing
Control-signal parameters over recommended operating conditions (unless otherwise noted). Note that PDN does not clear
I
2C registers.
PARAMETER
MIN
TYP
MAX
UNIT
tp(DMSTATE)
Time to M-STATE low
300
µs
Number of MCLKs preceding the release of PDN
5
tsu
Device start-up time
120
ms
Figure 13. Power-Down Timing
Control-signal parameters over recommended operating conditions (unless otherwise noted)
16
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com