Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 31Page - Texas Instruments TAS5086 Datasheet HTML 32Page - Texas Instruments TAS5086 Datasheet HTML 33Page - Texas Instruments TAS5086 Datasheet HTML 34Page - Texas Instruments TAS5086 Datasheet HTML 35Page - Texas Instruments TAS5086 Datasheet HTML 36Page - Texas Instruments TAS5086 Datasheet HTML 37Page - Texas Instruments TAS5086 Datasheet HTML 38Page - Texas Instruments TAS5086 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
OSCILLATOR TRIM REGISTER (0x1B)
Oscillator Factory-Trim Enable Procedure Example
Oscillator Field-Trim Procedure Example (Use only if input LRCLK frequency is known)
BKNDERR REGISTER (0x1C)
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
The TAS5086 PWM processor contains an internal oscillator for PLL reference. This reduces system cost
because an external reference is not required. A trim resitor value of 18 k
Ω is recomended. This should be
connected between TAS5086 pin 14 (OSC_RES) and pin 12 (DVSS).
Two procedures are available for trimming the internal oscillator. The factory-trim procedure is recommended for
most users. This procedure simply enables the factory trim that was previously done at the TAS5086 factory.
Note that only one trim procedure should be used. It always should be run following reset of the TAS5086.
1. Reset the TAS5086 (power up or toggle the RESET pin).
2. Write data 0x00 to register 0x1B (enable factory trim).
3. Write data 0x20 to register 0x05 (start all channels).
4. Write data 0x30 to register 0x07 (unmute and set master volume to 0 dB).
1. Reset the TAS5086 (power up or toggle the RESET pin).
2. Provide a known LRCLK (e.g., 48 kHz).
3. Write LRCLK frequency to register 0x00 (e.g., for 48 kHz, write 0x6D to register 0x00).
4. Write data 0x03 to register 0x1B (field-trim command).
5. Write data 0x20 to register 0x05 (start all channels).
6. Write data 0x30 to register 0x07 (unmute and set master volume to 0 dB).
Table 15. Oscillator Trim Register (0x1B)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
0
–
–
–
–
–
–
Oscillator trim not done (read only)
–
1
–
–
–
–
–
–
Oscillator trim done
–
–
0
0
0
0
–
–
Reserved
–
–
–
–
–
–
0
–
Select factory trim
–
–
–
–
–
–
1
–
Select field trim
–
–
–
–
–
–
–
1
Trim oscillator command
When a back-end error signal is received (BKND_ERR = LOW), all the output stages are reset by setting all
PWM, VALID1, and VALID2 signals LOW. Subsequently, the modulator waits approximately for the time listed in
Table 16 before initiation of a reset.
Table 16. BKNDERR Register (0x1C)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
0
0
0
0
Set back-end reset period to < 1.3 ms
–
–
–
–
0
0
0
1
Set back-end reset period to 1.3 ms
–
–
–
–
0
0
1
0
Set back-end reset period to 2.6 ms
–
–
–
–
0
0
1
1
Set back-end reset period to 3.9 ms
–
–
–
–
0
1
0
0
Set back-end reset period to 5.2 ms
–
–
–
–
0
1
0
1
Set back-end reset period to 6.5 ms
–
–
–
–
0
1
1
0
Set back-end reset period to 7.8 ms
–
–
–
–
0
1
1
1
Set back-end reset period to 9.1 ms
–
–
–
–
1
0
0
0
Set back-end reset period to 10.4 ms
–
–
–
–
1
0
0
1
Set back-end reset period to 11.7 ms
–
–
–
–
1
0
1
0
Set back-end reset period to 13 ms
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com