Electronic Components Datasheet Search
  English  ▼

X  

TAS5086 Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5086 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS5086 Datasheet HTML 25Page - Texas Instruments TAS5086 Datasheet HTML 26Page - Texas Instruments TAS5086 Datasheet HTML 27Page - Texas Instruments TAS5086 Datasheet HTML 28Page - Texas Instruments TAS5086 Datasheet HTML 29Page - Texas Instruments TAS5086 Datasheet HTML 30Page - Texas Instruments TAS5086 Datasheet HTML 31Page - Texas Instruments TAS5086 Datasheet HTML 32Page - Texas Instruments TAS5086 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
SERIAL DATA INTERFACE REGISTER (0x04)
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
Table 5. System Control Register 1 (0x03)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
PWM high-pass (dc blocking) disabled
1
–
–
–
–
–
–
–
PWM high-pass (dc blocking) enabled
–
–
0
–
–
–
–
–
Soft unmute on recovery from clock error
–
–
1
–
–
–
–
–
Hard unmute on recovery from clock error
–
–
–
0
–
–
–
–
Output downmix on SDOUT
–
–
–
1
–
–
–
–
Output SDIN4 mix on SDOUT
–
–
–
–
0
–
–
–
Enable clock autodetect
–
–
–
–
1
–
–
–
Disable clock autodetect
–
–
–
–
–
0
–
–
Enable soft start
–
–
–
–
–
1
–
–
Disable soft start
–
–
–
–
–
–
0
0
No de-emphasis
–
–
–
–
–
–
0
1
De-emphasis for fS = 32 kHz
–
–
–
–
–
–
1
0
De-emphasis for fS = 44.1 kHz
–
–
–
–
–
–
1
1
De-emphasis for fS = 48 kHz
As shown in Table 6, the TAS5086 supports nine serial data modes. The default is 24-bit, I2S mode.
Table 6. Serial Data Interface Control Register (0x04) Format
RECEIVE SERIAL DATA
WORD
D7–D4
D3
D2
D1
D0
INTERFACE FORMAT
LENGTHS
Right-justified
16
0000
0
0
0
0
Right-justified
20
0000
0
0
0
1
Right-justified
24
0000
0
0
1
0
I2S
16
0000
0
0
1
1
I2S
20
0000
0
1
0
0
I2S
24
0000
0
1
0
1
Left-justified
16
0000
0
1
1
0
Left-justified
20
0000
0
1
1
1
Left-justified
24
0000
1
0
0
0
Reserved
0000
1
0
0
1
Reserved
0000
1
0
1
0
Reserved
0000
1
0
1
1
Reserved
0000
1
1
0
0
Reserved
0000
1
1
0
1
Reserved
0000
1
1
1
0
Reserved
0000
1
1
1
1
Default values are in bold
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TAS5086



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com