Electronic Components Datasheet Search
  English  ▼

X  

TAS5342 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5342
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5342 Datasheet HTML 17Page - Texas Instruments TAS5342 Datasheet HTML 18Page - Texas Instruments TAS5342 Datasheet HTML 19Page - Texas Instruments TAS5342 Datasheet HTML 20Page - Texas Instruments TAS5342 Datasheet HTML 21Page - Texas Instruments TAS5342 Datasheet HTML 22Page - Texas Instruments TAS5342 Datasheet HTML 23Page - Texas Instruments TAS5342 Datasheet HTML 24Page - Texas Instruments TAS5342 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.ti.com
Mid Z Sequence Compatability
DEVICE PROTECTION SYSTEM
ERROR REPORTING
Use of TAS5342 in High-Modulation-Index
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
Characteristics
section of this data sheet). Although
signal using the system microcontroller and
not specifically required, it is a good practice to hold
responding to an overtemperature warning signal by,
RESET_AB and RESET_CD low during power down,
e.g., turning down the volume to prevent further
thus preventing audible artifacts including pops or
heating of the device resulting in device shutdown
clicks.
(OTE).
When the TAS5342 is being used with TI PWM
To reduce external component count, an internal
modulators such as the TAS5518, no special
pullup resistor to 3.3 V is provided on both SD and
attention to the state of RESET_AB and RESET_CD
OTW outputs. Level compliance for 5-V logic can be
is required, provided that the chipset is configured as
obtained by adding external pullup resistors to 5 V
recommended.
(see the Electrical Characteristics section of this data
sheet for further specifications).
The TAS5342 is compatable with the Mid Z sequence
of the TAS5086 Modulator. The Mid Z Sequence is a
The TAS5342 contains advanced protection circuitry
series of pulses that is generated by the modulator.
carefully designed to facilitate system integration and
This sequence causes the power stage to slowly
ease of use, as well as to safeguard the device from
enable its outputs as it begins to switch.
permanent failure due to a wide range of fault
conditions such as short circuits, overload,
By slowly starting the PWM switching, the impulse
overtemperature, and undervoltage. The TAS5342
response created by the onset of switching is
responds to a fault by immediately setting the power
reduced. This impulse response is the acoustic
stage in a high-impedance (Hi-Z) state and asserting
artifact that is heard in the output transducers
the SD pin low. In situations other than overload and
(loudspeakers) and is commonly termed "click" or
over-temperature
error
(OTE),
the
device
"pop".
automatically recovers when the fault condition has
been removed, i.e., the supply voltage has increased.
The low acoustic artifact noise of the TAS5342 will be
further decreased when used in conjunction with the
The device will function on errors, as shown in the
TAS5086 modulator with the Mid Z Sequence
following table.
enabled.
BTL MODE
PBTL MODE
SE MODE
The Mid Z sequence is primarily used for the
Local
Local
Local
single-ended output configuration. It facilitates a
Error
Turns Off
Error
Turns Off
Error
Turns Off
"softer" PWM output start after the split cap output
In
In
In
configuration is charged.
A
A
A
A + B
A + B
B
B
B
A + B + C
+ D
C
C
C
C + D
C + D
The SD and OTW pins are both active-low,
D
D
D
open-drain
outputs.
Their
function
is
for
protection-mode signaling to a PWM controller or
Bootstrap UVP does not shutdown according to the
other system-control device.
table, it shutsdown the respective halfbridge.
Any fault resulting in device shutdown is signaled by
the SD pin going low. Likewise, OTW goes low when
Capable Systems
the device junction temperature exceeds 125°C (see
the following table).
This device requires at least 30 ns of low time on the
output per 384-kHz PWM frame rate in order to keep
SD
OTW
DESCRIPTION
the bootstrap capacitors charged. As an example, if
Overtemperature (OTE) or overload (OLP) or
0
0
the modulation index is set to 99.2% in the TAS5508,
undervoltage (UVP)
this setting allows PWM pulse durations down to 10
0
1
Overload (OLP) or undervoltage (UVP)
ns. This signal, which does not meet the 30-ns
Junction temperature higher than 125°C
requirement, is sent to the PWM_X pin and this
1
0
(overtemperature warning)
low-state pulse time does not allow the bootstrap
Junction temperature lower than 125°C and no
capacitor to stay charged. The TAS5342 device
1
1
OLP or UVP faults (normal operation)
requires limiting the TAS5508 modulation index to
97.7% to keep the bootstrap capacitor charged under
Note that asserting either RESET_AB or RESET_CD
all signals and loads.
low forces the SD signal high, independent of faults
being present. TI recommends monitoring the OTW
The TAS5342 contains a bootstrap capacitor under
voltage protection circuit (BST_UVP) that monitors
the voltage on the bootstrap capacitors. When the
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com