Electronic Components Datasheet Search
  English  ▼

X  

TAS5342 Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5342
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5342 Datasheet HTML 7Page - Texas Instruments TAS5342 Datasheet HTML 8Page - Texas Instruments TAS5342 Datasheet HTML 9Page - Texas Instruments TAS5342 Datasheet HTML 10Page - Texas Instruments TAS5342 Datasheet HTML 11Page - Texas Instruments TAS5342 Datasheet HTML 12Page - Texas Instruments TAS5342 Datasheet HTML 13Page - Texas Instruments TAS5342 Datasheet HTML 14Page - Texas Instruments TAS5342 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
8 Ω
6 Ω
4 Ω
T =75°C
THD+Nat10%
C
PVDD – SupplyVoltage – V
0
130
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
0
30
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0.005
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
P – OutputPower – W
O
8 Ω
4 Ω
6 Ω
200
20
50 100 200
500 1
100
50
2
10 20
5
T =75°C
THD+Nat10%
C
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
PVDD_x = 31.5 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 25°C, fS = 384 kHz, unless otherwise specified.
TAS5342
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Connected when RESET is active to provide
Output pulldown current of each
IPD
bootstrap capacitor charge. Not used in SE
3
mA
half-bridge
mode.
Static Digital Specifications
VIH
High-level input voltage
2
V
PWM_A, PWM_B, PWM_C, PWM_D, M1,
M2, M3, RESET_AB, RESET_CD
VIL
Low-level input voltage
0.8
V
ILeakage
Input leakage current
100
μ
A
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW to
RINT_PU
20
26
32
kΩ
VREG, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High-level output voltage
V
External pullup of 4.7 kΩ to 5 V
4.5
5
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
V
FANOUT
Device fanout OTW, SD
No external pullup
30
Devices
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 1.
Figure 2.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com