Electronic Components Datasheet Search
  English  ▼

X  

TAS5342 Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS5342
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS5342 Datasheet HTML 8Page - Texas Instruments TAS5342 Datasheet HTML 9Page - Texas Instruments TAS5342 Datasheet HTML 10Page - Texas Instruments TAS5342 Datasheet HTML 11Page - Texas Instruments TAS5342 Datasheet HTML 12Page - Texas Instruments TAS5342 Datasheet HTML 13Page - Texas Instruments TAS5342 Datasheet HTML 14Page - Texas Instruments TAS5342 Datasheet HTML 15Page - Texas Instruments TAS5342 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
T =25°C
THD+Nat10%
C
2ChannelsOutputPower – W
0
100
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
280
20
40
60
80
100 120 140 160 180 200 220 240 260
4 Ω
8 Ω
6 Ω
0
100
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
0
30
2
4
6
8
10 12 14
16 18
20
22 24
26
28
PVDD – SupplyVoltage – V
PVDD – SupplyVoltage – V
T =75°C
C
8 Ω
4 Ω
6 Ω
0
150
10
20
30
40
50
60
70
80
90
100
110
120
130
140
10
120
20
30
40
50
60
70
80
90
100 110
T – CaseTemperature – °C
C
8 Ω
6 Ω
4 Ω
THD+Nat10%
2ChannelsOutputPower – W
0
30
2
4
6
8
10
12
14
16
18
20
22
24
26
28
0
240
20
40
60
80
100
120
140
160
180
200
220
4 Ω
6 Ω
8 Ω
T =25°C
THD+Nat10%
C
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
UNCLIPPED OUTPUT POWER
SYSTEM EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 3.
Figure 4.
SYSTEM POWER LOSS
SYSTEM OUTPUT POWER
vs
vs
OUTPUT POWER
CASE TEMPERATURE
Figure 5.
Figure 6.
12
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com