Electronic Components Datasheet Search
  English  ▼

X  

TAS5342 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5342
Description  100 W STEREO DIGITAL AMPLIFIER POWER STAGE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5342 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5342 Datasheet HTML 1Page - Texas Instruments TAS5342 Datasheet HTML 2Page - Texas Instruments TAS5342 Datasheet HTML 3Page - Texas Instruments TAS5342 Datasheet HTML 4Page - Texas Instruments TAS5342 Datasheet HTML 5Page - Texas Instruments TAS5342 Datasheet HTML 6Page - Texas Instruments TAS5342 Datasheet HTML 7Page - Texas Instruments TAS5342 Datasheet HTML 8Page - Texas Instruments TAS5342 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
Protection MODE Selection Pins
Package Heat Dissipation Ratings
(1)
TAS5342
SLAS557B–SEPTEMBER 2007–REVISED OCTOBER 2007
Protection modes are selected by shorting M1, M2, and M3 to VREG or GND.
MODE PINS
Mode Name
PWM Input(1)
Description
M3
M2
M1
0
0
0
BTL mode 1
2N
All protection systems enabled
0
0
1
BTL mode 2
2N
Latching shudown on, PWM activity detector and OLP disabled
0
1
0
BTL mode 3
1N
All protection systems enabled
0
1
1
PBTL mode
1N / 2N(2)
All protection systems enabled
1
0
0
SE mode 1
1N
All protection systems enabled(3)
1
0
1
SE mode 2
1N
Latching shudown on, PWM activity detector and OLP disabled(3)
1
1
0
Reserved
1
1
1
(1) The 1N and 2N naming convention is used to indicate the number of PWM lines to the power stage per channel in a specific mode.
(2) PWM_D is used to select between the 1N and 2N interface in PBTL mode (Low = 1N; High = 2N). PWM_D is internally pulled low in
PBTL mode. PWM_A is used as the PWM input in 1N mode and PWM_A and PWM_B are used as inputs for the 2N mode.
(3) PPSC detection system disabled.
PARAMETER
TAS5342DDV
RθJC (°C/W)—2 BTL or 4 SE channels
1.3
RθJC (°C/W)—1 BTL or 2 SE channel(s)
2.6
RθJC (°C/W)—1 SE channel
5.0
Power Pad area(2)
36 mm2
(1) JC is junction-to-case, CH is case-to-heatsink.
(2) RθCH is an important consideration. Assume a 2-mil thickness of high performance grease with a thermal conductivity at 2.5W/m-K
between the pad area and the heat sink. The RθCH with this condition is 0.6°C/W for the DDV package.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5342
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com