Electronic Components Datasheet Search
  English  ▼

X  

TAS5352A Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5352A
Description  TAS5352A 125-W Stereo Digital Amplifier Power Stage
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5352A Datasheet(HTML) 5 Page - Texas Instruments

  TAS5352A Datasheet HTML 1Page - Texas Instruments TAS5352A Datasheet HTML 2Page - Texas Instruments TAS5352A Datasheet HTML 3Page - Texas Instruments TAS5352A Datasheet HTML 4Page - Texas Instruments TAS5352A Datasheet HTML 5Page - Texas Instruments TAS5352A Datasheet HTML 6Page - Texas Instruments TAS5352A Datasheet HTML 7Page - Texas Instruments TAS5352A Datasheet HTML 8Page - Texas Instruments TAS5352A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TAS5352A
www.ti.com
SLES239A – NOVEMBER 2008 – REVISED DECEMBER 2016
Product Folder Links: TAS5352A
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These voltages represent the DC voltage + peak AC waveform measured at the terminal of the device in all conditions.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD to AGND
–0.3
13.2
V
GVDD_X to AGND
–0.3
13.2
V
PVDD_X to GND_X (2)
–0.3
53
V
OUT_X to GND_X (2)
–0.3
53
V
BST_X to GND_X (2)
–0.3
66.2
V
BST_X to GVDD_X (2)
–0.3
53
V
VREG to AGND
–0.3
4.2
V
GND_X to GND
–0.3
0.3
V
GND_X to AGND
–0.3
0.3
V
GND to AGND
–0.3
0.3
V
PWM_X, OC_ADJ, M1, M2, M3 to AGND
–0.3
4.2
V
RESET_X, SD, OTW to AGND
–0.3
7
V
Maximum continuous sink current (SD, OTW)
9
mA
Minimum pulse duration, low
30
ns
Lead temperature, 1.6 mm (1/16 inch) from case (10 s)
260
°C
Maximum operating junction temperature, TJ
0
125
°C
Storage temperature, Tstg
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
PVDD_X
Half-bridge supply voltage
0
34.5
37
V
GVDD_X
Supply voltage for logic regulators and gate-drive circuitry
10.8
12
13.2
V
VDD
Digital regulator supply voltage
10.8
12
13.2
V
RL (BTL)
Resistive load impedance (no cycle-by-cycle current control),
recommended demodulation filter
3
4
RL (SE)
Resistive load impedance (no cycle-by-cycle current control),
recommended demodulation filter
2.25
3
RL (PBTL)
Resistive load impedance (no cycle-by-cycle current control),
recommended demodulation filter
1.5
2
LOutput (BTL)
Output-filter inductance, minimum output inductance under short-circuit condition
5
10
μH
LOutput (SE)
Output-filter inductance, minimum output inductance under short-circuit condition
5
10
LOutput (PBTL)
Output-filter inductance, minimum output inductance under short-circuit condition
5
10
fS
PWM frame rate
192
384
432
kHz
tLOW
Minimum low-state pulse duration per PWM Frame, noise shaper enabled
30
nS
CPVDD
PVDD close decoupling capacitors
0.1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com