Electronic Components Datasheet Search
  English  ▼

X  

TAS5352A Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5352A
Description  TAS5352A 125-W Stereo Digital Amplifier Power Stage
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5352A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5352A Datasheet HTML 2Page - Texas Instruments TAS5352A Datasheet HTML 3Page - Texas Instruments TAS5352A Datasheet HTML 4Page - Texas Instruments TAS5352A Datasheet HTML 5Page - Texas Instruments TAS5352A Datasheet HTML 6Page - Texas Instruments TAS5352A Datasheet HTML 7Page - Texas Instruments TAS5352A Datasheet HTML 8Page - Texas Instruments TAS5352A Datasheet HTML 9Page - Texas Instruments TAS5352A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TAS5352A
SLES239A – NOVEMBER 2008 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TAS5352A
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Recommended Operating Conditions (continued)
MIN
NOM
MAX
UNIT
CBST
Bootstrap capacitor,
selected value supports PWM frame rates from 192 kHz to 432 kHz
33
nF
ROC
Overcurrent programming resistor, resistor tolerance = 5%
22
22
47
k
Ω
REXT-PULLUP
External pullup resistor to 3.3 V to 5 V for SD or OTW
3.3
4.7
k
Ω
TJ
Junction temperature
0
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TAS5352A
UNIT
DDV (HTSSOP)
44 PINS
RθJA
Junction-to-ambient thermal resistance
41.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
°C/W
RθJB
Junction-to-board thermal resistance
18
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
17.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
Specified by design
6.5 Electrical Characteristics
PVDD_x = 34.5 V, GVDD_X = 12 V, VDD = 12 V, TC (Case temperature) = 25°C, and fS = 384 kHz (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
VREG
Voltage regulator
(only used as a reference node)
VDD = 12 V
3
3.3
3.6
V
IVDD
VDD supply current
Operating, 50% duty cycle
7.2
17
mA
Idle, reset mode
5.5
11
IGVDD_X
Gate supply current per half-bridge
50% duty cycle
8
16
mA
Reset mode
1
1.8
IPVDD_X
Half-bridge idle current
50% duty cycle with 10-μH and 470-nF
output filter
19
25
mA
Reset mode, no switching
525
630
μA
OUTPUT STAGE MOSFETS
RDSon,LS
Drain-to-source resistance, low-side
TJ = 25°C, excludes metalization
resistance
80
89
m
Ω
RDSon,HS
Drain-to-source resistance, high-side
TJ = 25°C, excludes metalization
resistance
80
89
m
Ω
I/O PROTECTION
Vuvp,G
Undervoltage protection limit
9.5
V
Vuvp,hyst
(1)
Undervoltage protection limit
250
mV
BSTuvpF
Puts device into RESET when BST
voltage falls below limit
5.9
V
BSTuvpR
Brings device out of RESET when
BST voltage rises above limit
7
V
OTW(1)
Overtemperature warning
115
125
135
°C
OTWHYST
(1)
Temperature drop needed below
OTW temp. for OTW to be inactive
after the OTW event
25
°C
OTE(1)
Overtemperature error threshold
145
155
165
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com