Electronic Components Datasheet Search
  English  ▼

X  

TAS5352A Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5352A
Description  TAS5352A 125-W Stereo Digital Amplifier Power Stage
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5352A Datasheet(HTML) 1 Page - Texas Instruments

  TAS5352A Datasheet HTML 1Page - Texas Instruments TAS5352A Datasheet HTML 2Page - Texas Instruments TAS5352A Datasheet HTML 3Page - Texas Instruments TAS5352A Datasheet HTML 4Page - Texas Instruments TAS5352A Datasheet HTML 5Page - Texas Instruments TAS5352A Datasheet HTML 6Page - Texas Instruments TAS5352A Datasheet HTML 7Page - Texas Instruments TAS5352A Datasheet HTML 8Page - Texas Instruments TAS5352A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
0
150
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
34
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
T =75°C
THD+Nat10%
C
8 Ω
4 Ω
6 Ω
8 Ω
4 Ω
8 Ω
4 Ω
8 Ω
4 Ω
PVDD – SupplyVoltage – V
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TAS5352A
SLES239A – NOVEMBER 2008 – REVISED DECEMBER 2016
TAS5352A 125-W Stereo Digital Amplifier Power Stage
1
1 Features
1
•
Total Power Output (Bridge-Tied Load)
–
2 × 125 W at 10% THD+N Into 4
Ω
–
2 × 100 W at 10% THD+N Into 6
Ω
•
Total Power Output (Single-Ended)
–
4 × 45 W at 10% THD+N Into 3
Ω
–
4 × 35 W at 10% THD+N Into 4
Ω
•
Total Power Output (Parallel Mode)
–
1 × 250 W at 10% THD+N Into 2
Ω
–
1 × 195 W at 10% THD+N Into 3
Ω
•
>110 dB SNR (A-Weighted With TAS5518
Modulator)
•
<0.1% THD+N (1 W, 1 kHz)
•
Supports PWM Frame Rates of 192 kHz to
432 kHz
•
Resistor-Programmable Current Limit
•
Integrated Self-Protection Circuitry, Including:
–
Undervoltage Protection
–
Overtemperature Warning and Error
–
Overload Protection
–
Short-Circuit Protection
–
PWM Activity Detector
•
Stand-Alone Protection Recovery
•
Power-On-Reset (POR) to Eliminate System
Power-Supply Sequencing
•
High-Efficiency Power Stage (>90%) With 80-m
Ω
Output MOSFETs
•
Thermally Enhanced 44-Pin HTSSOP Package
(DDV)
•
Error Reporting, 3.3-V and 5-V Compliant
•
EMI Compliant When Used With Recommended
System Design
2 Applications
•
Mini and Micro Audio Systems
•
DVD Receivers
•
Home Theaters
3 Description
The
TAS5352A
device
is
a
high-performance,
integrated
stereo
digital
amplifier
power
stage
designed to drive a 4-
Ω bridge-tied load (BTL) at up
to 125 W per channel with low harmonic distortion,
low integrated noise, and low idle current.
The TAS5352A has a complete protection system
integrated on-chip, safeguarding the device against a
wide range of fault conditions that could damage the
system. These protection features are short-circuit
protection,
overcurrent
protection,
undervoltage
protection, overtemperature protection, and a loss of
PWM signal (PWM activity detector).
A power-on-reset (POR) circuit is used to eliminate
power-supply sequencing that is required for most
power-stage designs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5352A
HTSSOP (44)
14.00 mm × 6.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
BTL Output Power vs Supply Voltage


Similar Part No. - TAS5352A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5352A TI-TAS5352A Datasheet
849Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352ADDV TI1-TAS5352ADDV Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352ADDVR TI-TAS5352ADDVR Datasheet
849Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A_12 Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5352A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI-TAS5352A Datasheet
849Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352A TI1-TAS5352A_12 Datasheet
960Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com