Electronic Components Datasheet Search
  English  ▼

X  

PCA9570 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCA9570
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCA9570 Datasheet HTML 24Page - NXP Semiconductors PCA9570 Datasheet HTML 25Page - NXP Semiconductors PCA9570 Datasheet HTML 26Page - NXP Semiconductors PCA9570 Datasheet HTML 27Page - NXP Semiconductors PCA9570 Datasheet HTML 28Page - NXP Semiconductors PCA9570 Datasheet HTML 29Page - NXP Semiconductors PCA9570 Datasheet HTML 30Page - NXP Semiconductors PCA9570 Datasheet HTML 31Page - NXP Semiconductors PCA9570 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
© NXP Semiconductors N.V. 2014.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 17 September 2014
Document identifier: PCA9570
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
24. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4.1
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
6.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
6.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
7
Functional description . . . . . . . . . . . . . . . . . . . 5
7.1
Device address . . . . . . . . . . . . . . . . . . . . . . . . . 5
7.2
Software Reset Call, and device ID addresses 5
7.2.1
Software Reset . . . . . . . . . . . . . . . . . . . . . . . . . 6
7.2.2
Device ID (PCA9570 ID field) . . . . . . . . . . . . . . 7
8
I/O programming . . . . . . . . . . . . . . . . . . . . . . . . 8
8.1
I/O architecture . . . . . . . . . . . . . . . . . . . . . . . . . 8
8.2
Writing to the port (Output mode) . . . . . . . . . . . 8
8.3
Reading from a port (Input mode) . . . . . . . . . . 9
8.4
Power-on reset . . . . . . . . . . . . . . . . . . . . . . . . . 9
9
Application design-in information . . . . . . . . . 10
9.1
I/O expander applications . . . . . . . . . . . . . . . . 10
10
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . 11
11
Thermal characteristics . . . . . . . . . . . . . . . . . 11
12
Static characteristics . . . . . . . . . . . . . . . . . . . . 12
12.1
Typical characteristics . . . . . . . . . . . . . . . . . . 13
13
Dynamic characteristics . . . . . . . . . . . . . . . . . 16
14
Power-on reset requirements . . . . . . . . . . . . . 17
15
Parameter measurement information . . . . . . 19
16
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 21
17
Handling information. . . . . . . . . . . . . . . . . . . . 24
18
Soldering of SMD packages . . . . . . . . . . . . . . 24
18.1
Introduction to soldering . . . . . . . . . . . . . . . . . 24
18.2
Wave and reflow soldering . . . . . . . . . . . . . . . 24
18.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 24
18.4
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 25
19
Soldering: PCB footprints. . . . . . . . . . . . . . . . 26
20
Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 29
21
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 29
22
Legal information. . . . . . . . . . . . . . . . . . . . . . . 30
22.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 30
22.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
22.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
22.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 31
23
Contact information . . . . . . . . . . . . . . . . . . . . 31
24
Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com