Electronic Components Datasheet Search
  English  ▼

X  

PCA9570 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9570
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9570 Datasheet HTML 9Page - NXP Semiconductors PCA9570 Datasheet HTML 10Page - NXP Semiconductors PCA9570 Datasheet HTML 11Page - NXP Semiconductors PCA9570 Datasheet HTML 12Page - NXP Semiconductors PCA9570 Datasheet HTML 13Page - NXP Semiconductors PCA9570 Datasheet HTML 14Page - NXP Semiconductors PCA9570 Datasheet HTML 15Page - NXP Semiconductors PCA9570 Datasheet HTML 16Page - NXP Semiconductors PCA9570 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
13 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
12.1 Typical characteristics
Fig 15. Supply current versus ambient temperature
Fig 16. Standby supply current versus
ambient temperature
Tamb =25 C
Fig 17. Supply current versus supply voltage
4
12
IDD
(μA)
0
Tamb (°C)
−40
85
60
10
35
−15
aaa-011393
8
VDD = 3.6 V
3.3 V
2.5 V
1.8 V
1.1 V
40
120
IDD(stb)
(nA)
0
Tamb (°C)
−40
85
60
10
35
−15
aaa-011394
VDD = 3.6 V
3.3 V
2.5 V
1.8 V
1.1 V
80
4
6
2
8
10
IDD
(μA)
1
VDD (V)
1.1
3.6
3.3
1.8
2.5
aaa-011395



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com