Electronic Components Datasheet Search
  English  ▼

X  

PCA9570 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9570
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9570 Datasheet HTML 8Page - NXP Semiconductors PCA9570 Datasheet HTML 9Page - NXP Semiconductors PCA9570 Datasheet HTML 10Page - NXP Semiconductors PCA9570 Datasheet HTML 11Page - NXP Semiconductors PCA9570 Datasheet HTML 12Page - NXP Semiconductors PCA9570 Datasheet HTML 13Page - NXP Semiconductors PCA9570 Datasheet HTML 14Page - NXP Semiconductors PCA9570 Datasheet HTML 15Page - NXP Semiconductors PCA9570 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
12 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
12. Static characteristics
[1]
The typical values are at VDD = 2.2 V and Tamb =25 C.
Table 6.
Static characteristics
Tamb = 40 C to +85 C; VDD = 1.1 V to 3.6 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1] Max
Unit
VIK
input clamping voltage
II = 18 mA
1.2
-
-
V
VDD
supply voltage
1.1
-
3.6
V
VPOR
power-on reset voltage
VI =VDD or VSS; IO =0mA
-
0.7
1.0
V
VOL
LOW-level output voltage
P port; IOL =2 mA; VDD = 1.65 V
-
-
0.25
V
P port; IOL =3 mA; VDD = 2.3 V
-
-
0.25
V
P port; IOL =4 mA; VDD =3V
-
-
0.25
V
VOH
HIGH-level output voltage
P port; IOH =2mA; VDD = 1.65 V
1.35
-
-
V
P port; IOH =3mA; VDD =2.3 V
2.0
-
-
V
P port; IOH =4mA; VDD =3V
2.7
-
-
V
IOL
LOW-level output current
SDA; VOL = 0.4 V; VDD = 2.1 V to 3.6 V
3
-
-
mA
SDA; VOL =0.2  VDD; VDD = 1.1 V to 2.0 V
1
-
-
mA
VIH
HIGH-level input voltage
SCL, SDA; VDD = 1.1 V to 1.2 V
0.8
 V
DD
-1.2
V
SCL, SDA; VDD = 1.2 V to 3.6 V
0.7
 V
DD
-3.6
V
VIL
LOW-level input voltage
SCL, SDA; VDD = 1.1 V to 1.2 V
0.5
-
0.2
 V
DD
V
SCL, SDA; VDD = 1.2 V to 3.6 V
0.5
-
0.3
 V
DD
V
II
input current
SCL, SDA; VDD = 1.1 V to 3.6 V;
VI =VDD or VSS
--
1
A
IDD
supply current
SDA, P port; VI on SDA = VDD or VSS;
IO =0mA;fSCL =400 kHz
VDD = 2.3 V to 3.6 V
-
6.5
15
A
VDD = 1.1 V to 2.3 V
-
4
9
A
SCL, SDA, P port;
VI on SCL, SDA = VDD or VSS;
IO =0mA; fSCL = 0 kHz
VDD = 2.3 V to 3.6 V
-
1
3.2
A
VDD = 1.1 V to 2.3 V
-
0.6
1.7
A
Active mode: SCL, SDA, P port; IO =0mA;
fSCL = 400 kHz; continuous register read
VDD = 1.1 V to 2.3 V
-
50
75
A
Ci
input capacitance
VI =VDD or VSS
-6
7
pF
Co
output capacitance
VO =VDD or VSS
-3
5
pF
Tamb
ambient temperature
operating in free air
40
-
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com