Electronic Components Datasheet Search
  English  ▼

X  

PCA9570 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9570
Description  Remote 4-bit general purpose outputs for 1 MHz I2C-bus
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9570 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9570 Datasheet HTML 1Page - NXP Semiconductors PCA9570 Datasheet HTML 2Page - NXP Semiconductors PCA9570 Datasheet HTML 3Page - NXP Semiconductors PCA9570 Datasheet HTML 4Page - NXP Semiconductors PCA9570 Datasheet HTML 5Page - NXP Semiconductors PCA9570 Datasheet HTML 6Page - NXP Semiconductors PCA9570 Datasheet HTML 7Page - NXP Semiconductors PCA9570 Datasheet HTML 8Page - NXP Semiconductors PCA9570 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PCA9570
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 17 September 2014
5 of 32
NXP Semiconductors
PCA9570
Remote 4-bit general purpose outputs for 1 MHz I2C-bus
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9570”.
7.1 Device address
Following a START condition, the bus master must send the address of the slave it is
accessing and the operation it wants to perform (read or write). The address of the
PCA9570 is 48h as shown in Figure 6.
7.2 Software Reset Call, and device ID addresses
Two other different addresses can be sent to the device.
• General Call address: allows resetting the device through the I2C-bus upon reception
of the right I2C-bus sequence. See Section 7.2.1 “Software Reset” for more
information.
• Device ID address: allows reading ID information from the device (manufacturer, part
identification, revision). See Section 7.2.2 “Device ID (PCA9570 ID field)” for more
information.
Fig 6.
PCA9570 device address
R/W
002aag831
0
1
0
0
1
0
0
fixed
slave address
Fig 7.
General Call address
Fig 8.
Device ID address
0
002aac115
0
0
0
0
0
0
0
R/W
R/W
002aac116
1
1
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com