Electronic Components Datasheet Search
  English  ▼

X  

TLV5616CD Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV5616CD
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5616CD Datasheet(HTML) 2 Page - Texas Instruments

  TLV5616CD Datasheet HTML 1Page - Texas Instruments TLV5616CD Datasheet HTML 2Page - Texas Instruments TLV5616CD Datasheet HTML 3Page - Texas Instruments TLV5616CD Datasheet HTML 4Page - Texas Instruments TLV5616CD Datasheet HTML 5Page - Texas Instruments TLV5616CD Datasheet HTML 6Page - Texas Instruments TLV5616CD Datasheet HTML 7Page - Texas Instruments TLV5616CD Datasheet HTML 8Page - Texas Instruments TLV5616CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TLV5616C, TLV5616I
2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS152D − DECEMBER 1997 − REVISED APRIL 2004
2
WWW.TI.COM
functional block diagram
Serial Input
Register
16 Cycle
Timer
REFIN
CS
SCLK
FS
OUT
_
+
Power-On
Reset
DIN
12-Bit
Data
Latch
Speed/Power-Down
Logic
2
12
Update
6
1
2
3
4
7
x2
14
12
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
5
Analog ground
CS
3
I
Chip select. Digital input used to enable and disable inputs, active low.
DIN
1
I
Serial digital data input
FS
4
I
Frame sync. Digital input used for 4-wire serial interfaces such as the TMS320 DSP interface.
OUT
7
O
DAC analog output
REFIN
6
I
Reference analog input voltage
SCLK
2
I
Serial digital clock input
VDD
8
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com