Electronic Components Datasheet Search
  English  ▼

X  

TLV5616CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5616CD
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5616CD Datasheet(HTML) 5 Page - Texas Instruments

  TLV5616CD Datasheet HTML 1Page - Texas Instruments TLV5616CD Datasheet HTML 2Page - Texas Instruments TLV5616CD Datasheet HTML 3Page - Texas Instruments TLV5616CD Datasheet HTML 4Page - Texas Instruments TLV5616CD Datasheet HTML 5Page - Texas Instruments TLV5616CD Datasheet HTML 6Page - Texas Instruments TLV5616CD Datasheet HTML 7Page - Texas Instruments TLV5616CD Datasheet HTML 8Page - Texas Instruments TLV5616CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TLV5616C, TLV5616I
2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS152D − DECEMBER 1997 − REVISED APRIL 2004
5
WWW.TI.COM
operating characteristics over recommended operating free-air temperature range (unless
otherwise noted)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ts(FS)
Output settling time, full scale
RL = 10 kΩ,
CL = 100 pF,
Fast
3
5.5
s
ts(FS)
Output settling time, full scale
RL = 10 kΩ,
See Note 11
CL = 100 pF,
Slow
9
20
µs
ts(CC)
Output settling time, code to code
RL = 10 kΩ,
CL = 100 pF,
Fast
1
µs
ts(CC)
Output settling time, code to code
RL = 10 kΩ,
See Note 12
CL = 100 pF,
Slow
2
µs
SR
Slew rate
RL = 10 kΩ,
CL = 100 pF,
Fast
3.6
V/ s
SR
Slew rate
RL = 10 kΩ,
See Note 13
CL = 100 pF,
Slow
0.9
V/
µs
Glitch energy
Code transition from 0x7FF to 0x800
10
nV−s
S/N
Signal to noise
fs = 400 KSPS
fout = 1.1 kHz,
74
dB
S/(N+D)
Signal to noise + distortion
fs = 400 KSPS
fout = 1.1 kHz,
RL = 10 kΩ
CL = 100 pF,
66
dB
THD
Total harmonic distortion
RL = 10 kΩ,
CL = 100 pF,
BW = 20 kHz
−68
dB
Spurious free dynamic range
BW = 20 kHz
70
dB
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x080 to 0x3FF or 0x3FF to 0x080. Not tested, ensured by design.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Code change from 0x1FF to 0x200. Not tested, ensured by design.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS−FS)
Setup time, CS low before FS
↓
10
ns
tsu(FS−CK)
Setup time, FS low before first negative SCLK edge
8
ns
tsu(C16−FS)
Setup time, sixteenth negative edge after FS low on which bit D0 is sampled before rising
edge of FS
10
ns
tsu(C16−CS)
Setup time, sixteenth positive SCLK edge (first positive after D0 is sampled) before CS rising
edge. If FS is used instead of the sixteenth positive edge to update the DAC, then the setup
time is between the FS rising edge and CS rising edge.
10
ns
twH
Pulse duration, SCLK high
25
ns
twL
Pulse duration, SCLK low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
Pulse duration, FS high
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com