Electronic Components Datasheet Search
  English  ▼

X  

TLV5616CD Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV5616CD
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5616CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5616CD Datasheet HTML 9Page - Texas Instruments TLV5616CD Datasheet HTML 10Page - Texas Instruments TLV5616CD Datasheet HTML 11Page - Texas Instruments TLV5616CD Datasheet HTML 12Page - Texas Instruments TLV5616CD Datasheet HTML 13Page - Texas Instruments TLV5616CD Datasheet HTML 14Page - Texas Instruments TLV5616CD Datasheet HTML 15Page - Texas Instruments TLV5616CD Datasheet HTML 16Page - Texas Instruments TLV5616CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TLV5616C, TLV5616I
2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS152D − DECEMBER 1997 − REVISED APRIL 2004
13
WWW.TI.COM
APPLICATION INFORMATION
TLV5616 interfaced to TMS320C203 DSP
hardware interfacing
Figure 17 shows an example how to connect the TLV5616 to a TMS320C203 DSP. The serial interface of the
TLV5616 is ideally suited to this configuration, using a maximum of four wires to make the necessary
connections. In applications where only one synchronous serial peripheral is used, the interface can be
simplified even further by pulling CS low all the time as shown in the figure.
FS
DIN
SCLK
OUT
REFIN
CS AGND
VDD
REF
FS
DX
CLKX
TMS320C203
TLV5616
RLOAD
Figure 17. TLV5616 to DSP Interface
software
No setup procedure is needed to access the TLV5616. The output voltage can be set using just a single
command.
out
data_addr, SDTR
where data_addr points to an address location holding the control bits and the 12 data bits providing the output
voltage data. SDTR is the address of the transmit FIFO of the synchronous serial port.
The following code shows how to use the timer of the TMS320C203 as a time base to generate a voltage ramp
with the TLV5616.
A timer interrupt is generated every 205
µs. The corresponding interrupt service routine increments the output
code (stored at 0x0064) for the DAC, adds the DAC control bits to the four most significant bits, and writes the
new code to the TLV5616. The resulting period of the saw waveform is:
π = 4096 × 205 E-6 s = 0.84 s
;***************************************************************************************
;* Title
: Ramp generation with TLV5616
*
;* Version : 1.0
*
;* DSP
: TI TMS320C203
*
;*
 (1998) Texas Instruments Incorporated
*
;***************************************************************************************
;−−−−−−−−−−− I/O and memory mapped regs −−−−−−−−−−−−
.include ”regs.asm”
;−−−−−−−−−−− vectors −−−−−−−−−−−−−−−−−−−−−−−−−−−−−−−
.ps
0h
b
start
b
INT1
b
INT23
b
TIM_ISR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com