Electronic Components Datasheet Search
  English  ▼

X  

TLV5616CD Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV5616CD
Description  2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5616CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5616CD Datasheet HTML 3Page - Texas Instruments TLV5616CD Datasheet HTML 4Page - Texas Instruments TLV5616CD Datasheet HTML 5Page - Texas Instruments TLV5616CD Datasheet HTML 6Page - Texas Instruments TLV5616CD Datasheet HTML 7Page - Texas Instruments TLV5616CD Datasheet HTML 8Page - Texas Instruments TLV5616CD Datasheet HTML 9Page - Texas Instruments TLV5616CD Datasheet HTML 10Page - Texas Instruments TLV5616CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TLV5616C, TLV5616I
2.7V TO 5.5V LOW POWER 12BIT DIGITALTOANALOG
CONVERTERS WITH POWER DOWN
SLAS152D − DECEMBER 1997 − REVISED APRIL 2004
7
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 2
1.998
1.996
1.994
1.990
0
0.01 0.02 0.05 0.1
0.2
0.5
2
2.002
Load Current − mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
2.004
14
3 V Slow Mode, SOURCE
3 V Fast Mode, SOURCE
1.992
VDD = 3 V,
Vref = 1 V,
Full Scale
2
Figure 3
3.995
3.99
3.985
3.975
0
0.02 0.04 0.1
0.2
0.4
1
4
4.005
OUTPUT VOLTAGE
vs
LOAD CURRENT
4.01
24
3.98
Load Current − mA
5 V Slow Mode, SOURCE
5 V Fast Mode, SOURCE
VDD = 5 V,
Vref = 2 V,
Full Scale
Figure 4
0.1
0.08
0.04
0
0
0.01 0.02 0.05
0.1
0.2
0.5
0.16
0.18
OUTPUT VOLTAGE
vs
LOAD CURRENT
0.2
12
0.14
0.12
0.06
0.02
Load Current − mA
3 V Slow Mode, SINK
3 V Fast Mode, SINK
VDD = 3 V,
Vref = 1 V,
Zero Code
Figure 5
0.2
0.15
0.1
0
0
0.02 0.04
0.1
0.2
0.4
1
0.25
0.3
OUTPUT VOLTAGE
vs
LOAD CURRENT
0.35
24
0.05
Load Current − mA
5 V Slow Mode, SINK
5 V Fast Mode, SINK
VDD = 5 V,
Vref = 2 V,
Zero Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com