Electronic Components Datasheet Search
  English  ▼

X  

TPS73HD301 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS73HD301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73HD301 Datasheet(HTML) 2 Page - Texas Instruments

  TPS73HD301 Datasheet HTML 1Page - Texas Instruments TPS73HD301 Datasheet HTML 2Page - Texas Instruments TPS73HD301 Datasheet HTML 3Page - Texas Instruments TPS73HD301 Datasheet HTML 4Page - Texas Instruments TPS73HD301 Datasheet HTML 5Page - Texas Instruments TPS73HD301 Datasheet HTML 6Page - Texas Instruments TPS73HD301 Datasheet HTML 7Page - Texas Instruments TPS73HD301 Datasheet HTML 8Page - Texas Instruments TPS73HD301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
† Switch positions shown with EN low (active).
+
−
Delayed
Reset
Vref = 1.182 V
††
†
GND
EN
IN
OUT
RESET
SENSE/FB
R1
R2
OUTPUT VOLTAGE
R1
R2
UNIT
Adjustable
0
∞
Ω
1.8 V
122
233
k
Ω
2.5 V
260
233
k
Ω
3.3 V
420
233
k
Ω
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
NC
1, 2, 7, 8,
13−16, 20,
21, 26, 27
No connection
1GND
3
Regulator #1 ground
1EN
4
I
Regulator #1 enable, low = enable
1IN
5, 6
I
Regulator #1 input supply voltage
2GND
9
Regulator #2 ground
2EN
10
I
Regulator #2 enable, low = enable
2IN
11, 12
I
Regulator #2 input supply voltage
2OUT
17, 18
O
Regulator #2 output voltage
2SENSE
19
I
Regulator #2 output voltage sense (fixed output)
2RESET
22
O
Regulator #2 reset signal, low = reset
1OUT
23, 24
O
Regulator #1 output voltage
1FB/SENSE
25
I
Regulator #1 output voltage feedback (adjustable output)
1RESET
28
O
Regulator #1 reset signal, low = reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com