Electronic Components Datasheet Search
  English  ▼

X  

TPS73HD301 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS73HD301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73HD301 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS73HD301 Datasheet HTML 19Page - Texas Instruments TPS73HD301 Datasheet HTML 20Page - Texas Instruments TPS73HD301 Datasheet HTML 21Page - Texas Instruments TPS73HD301 Datasheet HTML 22Page - Texas Instruments TPS73HD301 Datasheet HTML 23Page - Texas Instruments TPS73HD301 Datasheet HTML 24Page - Texas Instruments TPS73HD301 Datasheet HTML 25Page - Texas Instruments TPS73HD301 Datasheet HTML 26Page - Texas Instruments TPS73HD301 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
external capacitor requirements (continued)
All load and temperature conditions with up to 1
µF of added ceramic load capacitance:
PART NO.
MFR.
VALUE
MAX ESR†
SIZE (H
× L × W)†
T421C226M010AS
Kemet
22
µF, 10 V
0.5
2.8
× 6 × 3.2
593D156X0025D2W
Sprague
15
µF, 25 V
0.3
2.8
× 7.3 × 4.3
593D106X0035D2W
Sprague
10
µF, 35 V
0.3
2.8
× 7.3 × 4.3
TPSD106M035R0300
AVX
10
µF, 35 V
0.3
2.8
× 7.3 × 4.3
Load < 200 mA, ceramic load capacitance < 0.2
µF, full temperature range:
PART NO.
MFR.
VALUE
MAX ESR†
SIZE (H
× L × W)†
592D156X0020R2T
Sprague
15
µF, 20 V
1.1
1.2
× 7.2 × 6
595D156X0025C2T
Sprague
15
µF, 25 V
1
2.5
× 7.1 × 3.2
595D106X0025C2T
Sprague
10
µF, 25 V
1.2
2.5
× 7.1 × 3.2
293D226X0016D2W
Sprague
22
µF, 16 V
1.1
2.8
× 7.3 × 4.3
Load < 100 mA, ceramic load capacitance < 0.2
µF, full temperature range:
PART NO.
MFR.
VALUE
MAX ESR†
SIZE (H
× L × W)†
195D106X06R3V2T
Sprague
10
µF, 6.3 V
1.5
1.3
× 3.5 × 2.7
195D106X0016X2T
Sprague
10
µF, 16 V
1.5
1.3
× 7 × 2.7
595D156X0016B2T
Sprague
15
µF, 16 V
1.8
1.6
× 3.8 × 2.6
695D226X0015F2T
Sprague
22
µF, 15 V
1.4
1.8
× 6.5 × 3.4
695D156X0020F2T
Sprague
15
µF, 20 V
1.5
1.8
× 6.5 × 3.4
695D106X0035G2T
Sprague
10
µF, 35 V
1.3
2.5
× 7.6 × 2.5
† Size is in mm. ESR is maximum resistance at 100 kHz and TA = 25°C. Listings are sorted by height.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com