Electronic Components Datasheet Search
  English  ▼

X  

TPS73HD301 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS73HD301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73HD301 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS73HD301 Datasheet HTML 20Page - Texas Instruments TPS73HD301 Datasheet HTML 21Page - Texas Instruments TPS73HD301 Datasheet HTML 22Page - Texas Instruments TPS73HD301 Datasheet HTML 23Page - Texas Instruments TPS73HD301 Datasheet HTML 24Page - Texas Instruments TPS73HD301 Datasheet HTML 25Page - Texas Instruments TPS73HD301 Datasheet HTML 26Page - Texas Instruments TPS73HD301 Datasheet HTML 27Page - Texas Instruments TPS73HD301 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
programming the adjustable LDO regulator output
Programming the adjustable regulator is done using an external resistor divider as shown in Figure 44. The
equation governing the output voltage is:
V
O +
V
ref
1
) R1
R2
Where
Vref = reference voltage, 1.182 V typ
Resistors R1 and R2 should be chosen for approximately 7-
µA divider current. A recommended value for R2
is 169 k
Ω with R1 adjusted for the desired output voltage. Smaller resistors can be used, but offer no inherent
advantage and consume more power. Larger values of R1 and R2 should be avoided as leakage currents at
FB will introduce an error. Solving for R1 yields a more useful equation for choosing the appropriate resistance:
R1
+
V
O
V
ref
* 1
R2
OUTPUT VOLTAGE
PROGRAMMING GUIDE
VO
1RESET
1OUT
1FB
R1
R2
1GND
1EN
1IN
<0.5 V
>2.7 V
TPS73HD3xx
To System
Reset
0.1
µF
270 k
Ω
+
VI
CSR = 1
Ω
10
µF
OUTPUT
VOLTAGE
R1
R2
1.5 V
1.8 V
2.5 V
3.3 V
3.6 V
4 V
5 V
6.4 V
UNIT
45.3
88.7
191
309
348
402
549
750
169
169
169
169
169
169
169
169
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
k
Ω
6
5
4
28
24
25
1IN
1OUT
23
3
RESET
VOLTAGE
−†
−†
2.37 V
3.13 V
3.42 V
3.80 V
4.75 V
6.08 V
† Non-operational below 1.9 V
Figure 34. TPS7301 Adjustable LDO Regulator Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com