Electronic Components Datasheet Search
  English  ▼

X  

TPS73HD301 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS73HD301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73HD301 Datasheet(HTML) 4 Page - Texas Instruments

  TPS73HD301 Datasheet HTML 1Page - Texas Instruments TPS73HD301 Datasheet HTML 2Page - Texas Instruments TPS73HD301 Datasheet HTML 3Page - Texas Instruments TPS73HD301 Datasheet HTML 4Page - Texas Instruments TPS73HD301 Datasheet HTML 5Page - Texas Instruments TPS73HD301 Datasheet HTML 6Page - Texas Instruments TPS73HD301 Datasheet HTML 7Page - Texas Instruments TPS73HD301 Datasheet HTML 8Page - Texas Instruments TPS73HD301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUALOUTPUT LOW DROPOUT VOLTAGE REGULATORS
SLVS167C − SEPTEMBER 1998 − REVISED − MAY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VI(IN) = 4.3 V, IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR‡ = 1 Ω,
SENSE/FB shorted to OUT (unless otherwise noted)
PARAMETER
TEST CONDITIONS§
TJ
MIN
TYP
MAX
UNIT
Quiescent current (active mode), each regulator
EN
≤ 0.5 V,
0 mA
≤ IO ≤ 750 mA,
25
°C
340
415
A
Quiescent current (active mode), each regulator
0 mA
≤ IO ≤ 750 mA,
See NOTE 2
−40
°C to 125°C
550
µA
ICC
Supply current (standby mode), each regulator
EN = VI,
25
°C
0.01
0.5
A
ICC
Supply current (standby mode), each regulator
EN = VI,
NOTE 2
−40
°C to 125°C
2
µA
IO
Output current limit, each regulator
VO = 0,
VI = 10 V
25
°C
0.8
1.2
2
A
IO
Output current limit, each regulator
VO = 0,
VI = 10 V
−40
°C to 125°C
2
A
Ilkg
Pass-element leakage current (standby mode)
EN = VI,
25
°C
0.01
0.5
A
Ilkg
Pass-element leakage current (standby mode)
EN = VI,
See NOTE 2
−40
°C to 125°C
1
µA
Output voltage temperature coefficient
−40
°C to 125°C
61
75
ppm/
°C
Thermal shutdown junction temperature
165
°C
Logic high (EN) (standby mode)
2.5 V
≤ VI ≤ 6 V,
−40
°C to 125°C
2
V
Logic high (EN) (standby mode)
2.5 V
≤ VI ≤ 6 V,
6 V
≤ VI ≤ 10 V
−40
°C to 125°C
2.7
V
Logic low (EN) (active mode)
See NOTE 2
25
°C
0.5
V
Logic low (EN) (active mode)
See NOTE 2
−40
°C to 125°C
0.5
V
Vhys
Hysteresis voltage (EN)
25
°C
50
mV
II
Input current (EN)
0 V
≤ VI ≤ 10 V
25
°C
−0.5
0.001
0.5
A
II
Input current (EN)
0 V
≤ VI ≤ 10 V
−40
°C to 125°C
−0.5
0.5
µA
Minimum input voltage, for active pass element
25
°C
2.05
2.5
V
Minimum input voltage, for active pass element
−40
°C to 125°C
2.5
V
Minimum input voltage, for valid RESET
IO(RESET) = −300 µA
25
°C
1
1.5
V
Minimum input voltage, for valid RESET
IO(RESET) = −300 µA
−40
°C to 125°C
1.9
V
‡ CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor,
any series resistance added externally, and PWB trace resistance to CO.
§ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
NOTE 2: Minimum input voltage is 3.5V or Vo(typ) + 1V whichever is greater.
The minimum value of 3.5 V is the absolute lower limit for the recommended input voltage range for the TPS73HD301.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com