Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IP Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS6734IP
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6734IP Datasheet(HTML) 3 Page - Texas Instruments

  TPS6734IP Datasheet HTML 1Page - Texas Instruments TPS6734IP Datasheet HTML 2Page - Texas Instruments TPS6734IP Datasheet HTML 3Page - Texas Instruments TPS6734IP Datasheet HTML 4Page - Texas Instruments TPS6734IP Datasheet HTML 5Page - Texas Instruments TPS6734IP Datasheet HTML 6Page - Texas Instruments TPS6734IP Datasheet HTML 7Page - Texas Instruments TPS6734IP Datasheet HTML 8Page - Texas Instruments TPS6734IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
EN
1
EN
7
EN
FB
_
+
4
COMP
Voltage
Reference
x3.5
SS
Clamp
Error
Amplifier
PWM
Comparator
R
S
170-kHz
Oscillator
VCC
Power Switch
Drive Latch
Σ
2
REF
3
SS
x6
Current
Sense Amplifier
Overcurrent
Comparator
Driver
VCC
OUT
GND
8
6
5
+
1 M
Ω
–
Q
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
EN
1
Enable. EN
≥ 2 V turns on the TPS6734. EN ≤ 0.4 V turns it off and reduces the supply current to 3 µA max.
REF
2
1.22-V reference voltage output. REF can source 100
µA for external loads.
SS
3
Soft Start. A capacitor between SS and GND brings the output voltage up slowly at power-up.
COMP
4
Compensation connection. A 0.001-
µF capacitor between COMP and FB stabilizes the feedback loop.
GND
5
Ground
OUT
6
N-channel MOSFET drain connection
FB
7
Feedback voltage. FB is connected to the converter output for the feedback loop.
VCC
8
Supply voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com