Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IP Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS6734IP
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6734IP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS6734IP Datasheet HTML 5Page - Texas Instruments TPS6734IP Datasheet HTML 6Page - Texas Instruments TPS6734IP Datasheet HTML 7Page - Texas Instruments TPS6734IP Datasheet HTML 8Page - Texas Instruments TPS6734IP Datasheet HTML 9Page - Texas Instruments TPS6734IP Datasheet HTML 10Page - Texas Instruments TPS6734IP Datasheet HTML 11Page - Texas Instruments TPS6734IP Datasheet HTML 12Page - Texas Instruments TPS6734IP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
The TPS6734 operates in a boost circuit as shown in Figures 1 and 11. Figure 1 shows the typical application
circuit, which generates 12 V from a nominal 5-V source. The circuit is ideal for processor interface for energy
management, because EN can be controlled by logic signals to place the 12-V source into the shutdown mode
(3-
µA current drain) when 12 V is not needed. An example of such an application is a flash memory device that
requires 12 V for the erase cycle.
discontinuous mode
The circuit shown in Figure 1 operates in discontinuous mode over most of the range of input voltage and output
current. In discontinuous mode, current through the inductor begins at zero, rises to a peak value, then ramps
down to zero each cycle as shown by the voltage and current waveforms in Figure 8. The ringing in the voltage
waveform on OUT results from a resonance between the inductor and the power switch capacitance and is
normal for discontinuous operation.
0
02
4
6
8
10
5
15
DISCONTINUOUS MODE
20
12
14
16
18
10
1
0.5
0
t – Time –
µs
VI = 5 V
VO = 12 V
IL = 50 mA
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com