Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IP Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS6734IP
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6734IP Datasheet(HTML) 1 Page - Texas Instruments

  TPS6734IP Datasheet HTML 1Page - Texas Instruments TPS6734IP Datasheet HTML 2Page - Texas Instruments TPS6734IP Datasheet HTML 3Page - Texas Instruments TPS6734IP Datasheet HTML 4Page - Texas Instruments TPS6734IP Datasheet HTML 5Page - Texas Instruments TPS6734IP Datasheet HTML 6Page - Texas Instruments TPS6734IP Datasheet HTML 7Page - Texas Instruments TPS6734IP Datasheet HTML 8Page - Texas Instruments TPS6734IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Pin-for-Pin Compatible With MAX734
D Programming Voltage for Flash Memory
D 2.7-V to 11-V Input Operating Range
D Output Current of 120 mA or Greater From
3.75-V or Higher Input
D 3-µA Maximum Supply Current in
Shutdown
D Only 5 External Components Required
D High Efficiency... 85% Typical (5-V Input,
120-mA Output)
D 8-Pin SOIC and DIP Packages
D –40°C to 85°C Free-Air Operating
Temperature Range
description
The TPS6734 is a fixed 12-V output boost converter capable of delivering 120 mA from inputs as low as
3.75 V. The device is pin-for-pin compatible with the MAX734 regulator and offers the following advantages:
lower supply current, wider operating input-voltage range, and higher output currents. As shown in Figure 1,
the only external components required are: an inductor, a Schottky rectifier, an output filter capacitor, an input
filter capacitor, and a small capacitor for loop compensation. The entire converter occupies less than 0.7 in2 of
PCB space when implemented with surface-mount components. An enable input is provided to shut down the
converter and reduce the supply current to 3
µA when 12 V is not needed.
The TPS6734 is a 170-kHz current-mode PWM ( pulse-width modulation) controller with an n-channel MOSFET
power switch. Gate drive for the switch is derived from the 12-V output after start-up to minimize the die area
needed to realize the 0.7-
Ω MOSFET and improve efficiency at input voltages below 5 V. Soft start is
accomplished with the addition of one small capacitor. A 1.22-V reference (pin 2) is brought out for external use.
High efficiency at low supply voltages and low supply current in shutdown make the TPS6734 particularly
attractive for flash memory programming supplies, PCMCIA cards, and operational amplifiers in
battery-powered equipment. The TPS6734 is available in 8-pin DIP and SOIC packages and operates over a
free-air temperature range of – 40
°C to 85°C.
VCC
FB
OUT
GND
EN
REF
SS
COMP
1
2
3
4
8
7
6
5
TPS6734
0.001
µF
18
µH
1A, 20 V
VI
3.75 V to 12 V
ENABLE
+
33
µF
VO
12 V, 120 mA
Figure 1. Typical Operating Circuit
1
2
3
4
8
7
6
5
EN
REF
SS
COMP
VCC
FB
OUT
GND
D OR P PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - TPS6734IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734IP TI-TPS6734IP Datasheet
285Kb / 19P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IP TI-TPS6734IP Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IPE4 TI-TPS6734IPE4 Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
More results

Similar Description - TPS6734IP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734I TI-TPS6734I Datasheet
285Kb / 19P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV.0
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
High Frequency 600-mA Synchronous Buck/Boost Converter
19-Apr-04
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
500 mA - Fixed Output Boost Converter for Single or Dual Cell
03-Aug-09
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
logo
Analog Devices
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
STMicroelectronics
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
This document describes a 12 V-350 mA power supply
23-Jan-2013
logo
Texas Instruments
TPS6735 TI1-TPS6735_08 Datasheet
366Kb / 18P
FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com