Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS6734IP
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS6734IP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS6734IP Datasheet HTML 4Page - Texas Instruments TPS6734IP Datasheet HTML 5Page - Texas Instruments TPS6734IP Datasheet HTML 6Page - Texas Instruments TPS6734IP Datasheet HTML 7Page - Texas Instruments TPS6734IP Datasheet HTML 8Page - Texas Instruments TPS6734IP Datasheet HTML 9Page - Texas Instruments TPS6734IP Datasheet HTML 10Page - Texas Instruments TPS6734IP Datasheet HTML 11Page - Texas Instruments TPS6734IP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
8
6
2
0
01
2
3
4
5
10
14
t – Time – mS
EN RESPONSE TIME
67
89
4
12
Output
Voltage
EN Voltage
VI = 5 V
VO = 5 V to 12 V
IL = 120 mA at 12 V
170
160
150
140
34
5
180
190
OSCILLATOR FREQUENCY
vs
SUPPLY VOLTAGE
200
67
9
10
8
VCC – Supply Voltage – V
Figure 4
Figure 5
10
6
4
0
0.1 0.5
0.9
1.3
1.7
2.1
2.5
12
16
INPUT SUPPLY CURRENT
vs
SUPPLY VOLTAGE
18
2.9
4.5
6.5 8.5
14
8
2
Bootstrap
Typical
IO = 0
VCC – Supply Voltage – V
120
60
40
0
3
3.5
4
140
160
MAXIMUM OUTPUT CURRENT
vs
SUPPLY VOLTAGE
180
4.5
5
100
80
20
VCC – Supply Voltage – V
Figure 6
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com