Electronic Components Datasheet Search
  English  ▼

X  

MT7682 Datasheet(PDF) 3 Page - MediaTek Inc.

Part # MT7682
Description  IEEE 802.11 b/g/n (2.4GHz, 1x1)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT7682 Datasheet(HTML) 3 Page - MediaTek Inc.

  MT7682 Datasheet HTML 1Page - MediaTek Inc. MT7682 Datasheet HTML 2Page - MediaTek Inc. MT7682 Datasheet HTML 3Page - MediaTek Inc. MT7682 Datasheet HTML 4Page - MediaTek Inc. MT7682 Datasheet HTML 5Page - MediaTek Inc. MT7682 Datasheet HTML 6Page - MediaTek Inc. MT7682 Datasheet HTML 7Page - MediaTek Inc. MT7682 Datasheet HTML 8Page - MediaTek Inc. MT7682 Datasheet HTML 9Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
MT7682 Datasheet
© 2017 MediaTek Inc.
Page 3 of 48
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Features
Wi-Fi
• IEEE 802.11 b/g/n (2.4GHz, 1x1)
• Supports 20MHz, 40MHz bandwidth in
2.4GHz band
• Wi-Fi security WEP/WPA2/WPS
• SoftAP, sniffer
• Dynamically switching between STA and
SoftAP modes at runtime
• MediaTek smart connection
• Multi-cloud connectivity
• Receiver antenna diversity
• Wi-Fi and Bluetooth LE coexistence
• Integrated balun, PA/LNA
• Optional external LNA and PA support
Microcontroller subsystem
• 192MHz ARM® Cortex®-M4 with FPU
• 14 DMA channels
• One RTC timer, one 64-bit and 5 32-bit
general purpose timers
• Hardware DFS from 3MHz to 192MHz
• Development support: SWD, JTAG
• Crypto engine
o AES 128/192/256 bits
o DES, 3DES
o MD5, SHA-1/224/256/384/512
• True random number generator
• JTAG password protection
Memory
• Up to 384KB SRAM, with zero-wait state
and 96MHz maximum frequency
• Up to 32KB L1 cache with high hit rate,
zero-wait state and 192MHz maximum
frequency.
• Embedded 8Mbits flash, with less than
0.1µA (typical) and 80MHz maximum
frequency deep power-down current
Communication interfaces
• A set of SDIO 2.0 master and SDIO 2.0 slave
• An I2C (3.4Mbps) interface
• Three UART interfaces (3Mbps and with
hardware flow control)
• An SPI master and SPI slave with up to
48MHz SCK, quad mode)
• Two I2S interfaces
o One 16/24-bit, master/slave mode
One 16-bit, master/slave mode with
TDM
o Two TX/RX channels with 16, 24, 48, 96,
192, 11.025, 22.05 and 44.1kHz
frequencies
• Five PWM channels
• 14 GPIOs (fast IOs, 5V-tolerant)
• A single channel 12-bit AUXADC
Power management
• Integrated DC-DC
• Power input
o VRTC: from 1.62V to 3.63V
o VPMU / VRF: 3.3V (+/-10%)
o VIO*: 1.8V, 3.3V (+/-10%)
• Off mode: <0.5µA
• Retention mode (with RTC)
o <2.7µA (RTC only)
o ~4.7µA with 8KB RAM sleep mode
• Deep sleep mode (with external 32kHz clock,
SDIO off)
o 80µA with 0KB RAM sleep mode
o 108µA with 384KB RAM sleep mode
• G-band RX power: 42mA
• G-band TX power
o FPA: 248mA at 19dBm CCK
o HPA: 220mA at 16.5dBm OFDM
• DTIM interval with 32kHz external clock
source and 384KB SRAM
o DTIM=1: 0.62mA
o DTIM=3: 0.29mA
• Ambient temperature from -30°C to 85°C
Clock source
• 26MHz or 40MHz crystal oscillator
• 32kHz crystal oscillator or internal 32kHz RC
for RTC
Package type
• 5-mm x 5-mm x 0.9-mm 40-pin QFN with
0.4-mm lead pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com