Electronic Components Datasheet Search
  English  ▼

X  

MT7682 Datasheet(PDF) 39 Page - MediaTek Inc.

Part # MT7682
Description  IEEE 802.11 b/g/n (2.4GHz, 1x1)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT7682 Datasheet(HTML) 39 Page - MediaTek Inc.

Back Button MT7682 Datasheet HTML 35Page - MediaTek Inc. MT7682 Datasheet HTML 36Page - MediaTek Inc. MT7682 Datasheet HTML 37Page - MediaTek Inc. MT7682 Datasheet HTML 38Page - MediaTek Inc. MT7682 Datasheet HTML 39Page - MediaTek Inc. MT7682 Datasheet HTML 40Page - MediaTek Inc. MT7682 Datasheet HTML 41Page - MediaTek Inc. MT7682 Datasheet HTML 42Page - MediaTek Inc. MT7682 Datasheet HTML 43Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
MT7682 Datasheet
© 2017 MediaTek Inc.
Page 38 of 48
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Symbol
Description
Condition
Min.
Typ.
Max.
Unit
• VIN = 0V
DRPD1
Digital I/O pull-down
resistance for IO Type 1
• DVDIO = 3.3V
• VIN = 3.3V
40
85
190
kΩ
• DVDIO = 2.8V
• VIN = 2.8V
40
85
190
kΩ
• DVDIO = 1.8V
• VIN = 1.8V
80
160
320
kΩ
DVOH1
Digital output high voltage
for IO Type 1
• DVDIO = 3.3V
2.4
-
-
V
• DVDIO = 2.8V
1.89
-
-
V
• DVDIO = 1.8V
1.215
-
-
V
DVOL1
Digital output low voltage
for IO Type 1
• DVDIO = 3.3V
-
-
0.495
V
• DVDIO = 2.8V
-
-
0.42
V
• DVDIO = 1.8V
-
-
0.27
V
DIIH2
Digital high input current
for IO Type 2
• PU/PD disabled
• DVDIO = 3.3, 2.8,
1.8V
• DVDIO * 0.65 <
VIN2 < DVDIO +
0.3V
-5
-
5
μA
• DVDIO = 3.3V
• 4.5V < VIN2 < 5.5V
-5
-
5
μA
• PU enabled, RSEL1
• DVDIO = 3.3, 2.8,
1.8V
• DVDIO * 0.75 <
VIN2 < DVDIO
-60
-
5
μA
• PU enabled, RSEL2
• DVDIO = 3.3, 2.8,
1.8V
• DVDIO * 0.75 <
VIN2 < DVDIO
-120
-
5
μA
• PD enabled, RSEL1
• DVDIO = 3.3, 2.8,
1.8V
• DVDIO * 0.75 <
VIN2 < DVDIO
10
-
110
μA
• PD enabled, RSEL2
• DVDIO = 3.3, 2.8,
1.8V
• DVDIO * 0.75 <
VIN2 < DVDIO
20
-
220
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com