Electronic Components Datasheet Search
  English  ▼

X  

MT7682 Datasheet(PDF) 40 Page - MediaTek Inc.

Part # MT7682
Description  IEEE 802.11 b/g/n (2.4GHz, 1x1)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT7682 Datasheet(HTML) 40 Page - MediaTek Inc.

Back Button MT7682 Datasheet HTML 36Page - MediaTek Inc. MT7682 Datasheet HTML 37Page - MediaTek Inc. MT7682 Datasheet HTML 38Page - MediaTek Inc. MT7682 Datasheet HTML 39Page - MediaTek Inc. MT7682 Datasheet HTML 40Page - MediaTek Inc. MT7682 Datasheet HTML 41Page - MediaTek Inc. MT7682 Datasheet HTML 42Page - MediaTek Inc. MT7682 Datasheet HTML 43Page - MediaTek Inc. MT7682 Datasheet HTML 44Page - MediaTek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
MT7682 Datasheet
© 2017 MediaTek Inc.
Page 39 of 48
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Symbol
Description
Condition
Min.
Typ.
Max.
Unit
DIIL2
Digital low input current
for IO Type 2
• PU/PD disabled
• DVDIO = 3.3, 2.8,
1.8V
• -0.3V < VIN2 <
DVDIO * 0.65
-5
-
5
μA
• PU enabled, RSEL1
• DVDIO = 3.3, 2.8,
1.8V
• 0 < VIN2 < DVDIO *
0.25
-100
-
-10
μA
• PU enabled, RSEL2
• DVDIO = 3.3, 2.8,
1.8V
• 0 < VIN2 < DVDIO *
0.25
-200
-
-20
μA
• PD enabled, RSEL1
• DVDIO = 3.3, 2.8,
1.8V
• 0 < VIN2 < DVDIO *
0.25
-5
-
60
μA
• PD enabled, RSEL2
• DVDIO = 3.3, 2.8,
1.8V
• 0 < VIN2 < DVDIO *
0.25
-5
-
120
μA
DIOH2
Digital high output current
for IO Type 2
• DVOH = 2.805V
• DVDIO = 3.3V
• Maximum driving
mode
24
-
-
mA
• DVOH = 2.38V
• DVDIO = 2.8V
• Maximum driving
mode
20
-
-
mA
• DVOH = 1.53V
• DVDIO = 1.8V
• Maximum driving
mode
8
-
-
mA
DIOL2
Digital low output current
for IO Type 2
• DVOL = 0.495V
• DVDIO = 3.3V
• Maximum driving
mode
24
-
-
mA
• DVOL = 0.42V
20
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com