Electronic Components Datasheet Search
  English  ▼

X  

MT7682 Datasheet(PDF) 49 Page - MediaTek Inc.

Part # MT7682
Description  IEEE 802.11 b/g/n (2.4GHz, 1x1)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDIATEK [MediaTek Inc.]
Direct Link  https://www.mediatek.com/
Logo MEDIATEK - MediaTek Inc.

MT7682 Datasheet(HTML) 49 Page - MediaTek Inc.

Back Button MT7682 Datasheet HTML 41Page - MediaTek Inc. MT7682 Datasheet HTML 42Page - MediaTek Inc. MT7682 Datasheet HTML 43Page - MediaTek Inc. MT7682 Datasheet HTML 44Page - MediaTek Inc. MT7682 Datasheet HTML 45Page - MediaTek Inc. MT7682 Datasheet HTML 46Page - MediaTek Inc. MT7682 Datasheet HTML 47Page - MediaTek Inc. MT7682 Datasheet HTML 48Page - MediaTek Inc. MT7682 Datasheet HTML 49Page - MediaTek Inc.  
Zoom Inzoom in Zoom Outzoom out
 49 / 49 page
background image
MT7682 Datasheet
© 2017 MediaTek Inc.
Page 48 of 48
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
9.
Ordering Information
9.1.
MT7682 top marking definition
Line 1 : MEDIATEK LOGO
Line 2 : ARM LOGO
Line 3 : Part Number
Line 4 : Date Code
Line 5 : Die 1 Lot Number
Line 6 : Die 2 Lot Number
Figure 9.1-1. Mass production top marking of MT7682
Table 9.1-1. Ordering information
Product number
Package
Description
MT7682SN
SQFN
5 x 5 x 0.9 mm 40-pin QFN with 0.4mm lead pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com