Electronic Components Datasheet Search
  English  ▼

X  

8002A Datasheet(PDF) 10 Page - INCOME TECHNOLOGY

Part # 8002A
Description  Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY

8002A Datasheet(HTML) 10 Page - INCOME TECHNOLOGY

Back Button 8002A Datasheet HTML 6Page - INCOME TECHNOLOGY 8002A Datasheet HTML 7Page - INCOME TECHNOLOGY 8002A Datasheet HTML 8Page - INCOME TECHNOLOGY 8002A Datasheet HTML 9Page - INCOME TECHNOLOGY 8002A Datasheet HTML 10Page - INCOME TECHNOLOGY 8002A Datasheet HTML 11Page - INCOME TECHNOLOGY 8002A Datasheet HTML 12Page - INCOME TECHNOLOGY 8002A Datasheet HTML 13Page - INCOME TECHNOLOGY 8002A Datasheet HTML 14Page - INCOME TECHNOLOGY  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8002
8002
8002
8002
Page 13 of 17
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the 8002 has two internal operational amplifiers. The first amplifier’s gain is externally
configurable, while the second amplifier is internally fixed in a unity-gain, inverting configuration. The closed-loop
gain of the first amplifier is set by selecting the ratio of Rf to Ri while
the second amplifier’s gain is fixed by the two internal 20k
resistors. Figure 1 shows that the output of amplifier one
serves as the input to amplifier two which results in both amplifiers producing signals identical in magnitude, but out of
phase by 180°. Consequently, the differential gain for the IC is
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of the load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides differential
drive to the load, thus doubling output swing for a specified supply voltage. Four times the output power is possible as
compared to a single-ended amplifier under the same conditions. This increase in attainable output power assumes that
the amplifier is not current limited or clipped. In order to choose an amplifier’s closed-loop gain without causing
excessive clipping, please refer to the Audio Power Amplifier Design section.
A bridge configuration, such as the one used in 8002,also creates a second advantage over single-ended amplifiers.
Since the differential outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists across the load. This
eliminates the need for an output coupling capacitor which is required in a single supply, single-ended amplifier
configuration. Without an output coupling capacitor, the half-supply bias across the load would result in both increased
internal IC power dissipation and also possible loudspeaker damage.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an increase in
internal power dissipation. Since the 8002 has two operational amplifiers in one package, the maximum internal power
dissipation is 4 times that of a single-ended amplifier.
The maximum power dissipation for a given application can be derived from the power dissipation graphs or from
Equation 1.
It is critical that the maximum junction temperature TJMAX of 150°C is not exceeded. TJMAX can be determined
from the power derating curves by using PDMAX and the PC board foil area. By adding copper foil, the thermal
resistance of the application can be reduced from the free air value of θJA, resulting in higher PDMAX values without
thermal shutdown protection circuitry being activated. Additional copper foil can be added to any of the leads
connected to the 8002. It is especially effective when connected to VDD, GND, and the output pins. Refer to the
application information on the 8002 reference design board for an example of good heat sinking. If TJMAX still
exceeds 150°C, then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com