Electronic Components Datasheet Search
  English  ▼

X  

8002A Datasheet(PDF) 12 Page - INCOME TECHNOLOGY

Part # 8002A
Description  Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY

8002A Datasheet(HTML) 12 Page - INCOME TECHNOLOGY

Back Button 8002A Datasheet HTML 6Page - INCOME TECHNOLOGY 8002A Datasheet HTML 7Page - INCOME TECHNOLOGY 8002A Datasheet HTML 8Page - INCOME TECHNOLOGY 8002A Datasheet HTML 9Page - INCOME TECHNOLOGY 8002A Datasheet HTML 10Page - INCOME TECHNOLOGY 8002A Datasheet HTML 11Page - INCOME TECHNOLOGY 8002A Datasheet HTML 12Page - INCOME TECHNOLOGY 8002A Datasheet HTML 13Page - INCOME TECHNOLOGY 8002A Datasheet HTML 14Page - INCOME TECHNOLOGY  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
8002
8002
8002
8002
Page 15 of 17
Power Amplifier Design, for a more complete explanation of proper gain selection. Besides gain, one of the major
considerations is the closedloop bandwidth of the amplifier. To a large extent, the bandwidth is dictated by the choice of
external components shown in Figure 1. The input coupling capacitor, Ci, forms a first order high pass filter which
limits low frequency response. This value should be chosen based on needed frequency response for a few distinct
reasons.
Selection of Input Capacitor Size
Large input capacitors are both expensive and space hungry for portable designs. Clearly, a certain sized capacitor is
needed to couple in low frequencies without severe attenuation. But in many cases the speakers used in portable
systems, whether internal or external, have little ability to reproduce signals below 100Hz to 150Hz. Thus, using a large
input capacitor may not increase actual system performance.
In addition to system cost and size, click and pop performance is effected by the size of the input coupling capacitor, Ci.
A larger input coupling capacitor requires more charge to reach its quiescent DC voltage (nominally 1/2 VDD). This
charge comes from the output via the feedback and is apt to create pops upon device enable. Thus, by minimizing the
capacitor size based on necessary low frequency response, turn-on pops can be minimized.
Besides minimizing the input capacitor size, careful consideration should be paid to the bypass capacitor value. Bypass
capacitor, CB, is the most critical component to minimize turn-on pops since it determines how fast the 8002 turns on.
The slower the 8002’s outputs ramp to their quiescent DC voltage (nominally 1/2 VDD), the smaller the turn-on pop.
Choosing CB equal to 1.0µF along with a small value of Ci (in the range of 0.1µF to 0.39µF), should produce a
virtually clickless and popless shutdown function. While the device will function properly, (no oscillations or
motorboating), with CB equal to 0.1µF, the device will be much more susceptible to turn-on clicks and pops. Thus, a
value of CB equal to 1.0µF is recommended in all but the most cost sensitive designs.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Audio Amplifier
Given:
Power Output
Load Impedance
Input Level
Input Impedance
Bandwidth
A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating from
the Output Power vs Supply Voltage graphs in the Typical Performance Characteristics section, the supply rail can be
easily found.
5V is a standard voltage in most applications, it is chosen for the supply rail. Extra supply voltage creates headroom
that allows the 8002 to reproduce peaks in excess of 1W without producing audible distortion. At this time, the designer
must make sure that the power supply choice along with the output impedance does not violate the conditions explained
in the Power Dissipation section.
1Wrms
8
1Vrms
20k
100Hz–20kHz ± 0.25dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com