Electronic Components Datasheet Search
  English  ▼

X  

8002A Datasheet(PDF) 11 Page - INCOME TECHNOLOGY

Part # 8002A
Description  Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY

8002A Datasheet(HTML) 11 Page - INCOME TECHNOLOGY

Back Button 8002A Datasheet HTML 6Page - INCOME TECHNOLOGY 8002A Datasheet HTML 7Page - INCOME TECHNOLOGY 8002A Datasheet HTML 8Page - INCOME TECHNOLOGY 8002A Datasheet HTML 9Page - INCOME TECHNOLOGY 8002A Datasheet HTML 10Page - INCOME TECHNOLOGY 8002A Datasheet HTML 11Page - INCOME TECHNOLOGY 8002A Datasheet HTML 12Page - INCOME TECHNOLOGY 8002A Datasheet HTML 13Page - INCOME TECHNOLOGY 8002A Datasheet HTML 14Page - INCOME TECHNOLOGY  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
8002
8002
8002
8002
Page 14 of 17
additional changes must be made. These changes can include reduced supply voltage, higher load impedance, or
reduced ambient temperature. Internal power dissipation is a function of output power. Refer to the Typical
Performance Characteristics curves for power dissipation information for different output powers and output loading.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for low noise performance and high power supply rejection.
The capacitor location on both the bypass and power supply pins should be as close to the device as possible. Typical
applications employ a 5V regulator with 10µF tantalum or electrolytic capacitor and a ceramic bypass capacitor which
aid in supply stability. This does not eliminate the need for bypassing the supply nodes of the 8002. The selection of a
bypass capacitor, especially CB, is dependent upon PSRR requirements, click and pop performance (as explained in the
section, Proper Selection of External Components), system cost, and size constraints.
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the 8002 contains shutdown circuitry that is used to turn off the
amplifier’s bias circuitry. In addition, the 8002 contains a Shutdown Mode pin (LD and MH packages only), allowing
the designer to designate whether the part will be driven into shutdown with a high level logic signal or a low level
logic signal. This allows the designer maximum flexibility in device use, as the Shutdown Mode pin may simply be tied
permanently to either VDD or GND to set the 8002 as either a "shutdown-high" device or a "shutdown-low" device,
respectively. The device may then be placed into shutdown mode by toggling the Shutdown pin to the same state as the
Shutdown Mode pin. For simplicity’s sake, this is called "shutdown same", as the 8002 enters shutdown mode
whenever the two pins are in the same logic state. The MM package lacks this Shutdown Mode feature, and is
permanently fixed as a ‘shutdown-low’ device. The trigger point for either shutdown high or shutdown low is shown as
a typical value in the Supply Current vs Shutdown Voltage graphs in the Typical Performance Characteristics section.
It is best to switch between ground and supply for maximum performance. While the device may be disabled with
shutdown voltages in between ground and supply, the idle current may be greater than the typical value of 0.1µA. In
either case, the shutdown pin should be tied to a definite voltage to avoid unwanted state changes.
In many applications, a microcontroller or microprocessor output is used to control the shutdown circuitry, which
provides a quick, smooth transition to shutdown. Another solution is to use a single-throw switch in conjunction with
an external pull-up resistor (or pull-down, depending on shutdown high or low application). This scheme guarantees
that the shutdown pin will not float, thus preventing unwanted state changes.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications using integrated power amplifiers is critical to optimize device
and system performance. While the 8002 is tolerant of external component combinations, consideration to component
values must be used to maximize overall system quality. The 8002 is unity-gain stable which gives the designer
maximum system flexibility. The 8002 should be used in low gain configurations to minimize THD+N+N values, and
maximize the signal to noise ratio. Low gain configurations require large input signals to obtain a given output power.
Input signals equal to or greater than 1Vrms are available from sources such as audio codecs. Please refer to the section,
Audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com