Electronic Components Datasheet Search
  English  ▼

X  

8002A Datasheet(PDF) 2 Page - INCOME TECHNOLOGY

Part # 8002A
Description  Power Output at 5.0V, 10% THDN, 3Ω 3W (typ)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INCOME [INCOME TECHNOLOGY]
Direct Link  
Logo INCOME - INCOME TECHNOLOGY

8002A Datasheet(HTML) 2 Page - INCOME TECHNOLOGY

  8002A Datasheet HTML 1Page - INCOME TECHNOLOGY 8002A Datasheet HTML 2Page - INCOME TECHNOLOGY 8002A Datasheet HTML 3Page - INCOME TECHNOLOGY 8002A Datasheet HTML 4Page - INCOME TECHNOLOGY 8002A Datasheet HTML 5Page - INCOME TECHNOLOGY 8002A Datasheet HTML 6Page - INCOME TECHNOLOGY 8002A Datasheet HTML 7Page - INCOME TECHNOLOGY 8002A Datasheet HTML 8Page - INCOME TECHNOLOGY 8002A Datasheet HTML 9Page - INCOME TECHNOLOGY Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
8002
8002
8002
8002
Page 5 of 17
Absolute Maximum Ratings
Chip Limit Parameter Table
Name
Parameter
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
ESD Susceptibility
2000V
Junction Temperature
150°C
Thermal Resistance
θJA
210°C/W
θJC
56°C/W
WARNING: In addition to limits or any other conditions, the chip may be damaged.
Electrical Characteristics
The following specifications apply for VDD=5V and RL=8Ω, unless otherwise specified. Limits apply for TA = 25°C.
Electrical Characteristics
8002
Symbol
Parameter
Conditions
Typical
Max
Units
(Limits)
VIN=0V,IO=0A, No load
6.5
10
mA
I
DD
Quiescent Power Supply
Current
VIN=0V,IO=0A, 8load
7.0
10
mA
I
OFF
Shutdown Current
0.8
2
uA
V
OS
Outpt Offset Voltage
5.7
30
mV
R
O
Resistor Output
8.5
10
KΩ
Output Power,3ΩLoad
THD≤1%,f=1KHz
2.3
Output Power,4ΩLoad
THD≤1%,f=1KHz
2
Output Power,8ΩLoad
THD≤1%,f=1KHz
1.3
W
Output Power,3ΩLoad
THD+N≤10%,f=1KHz
3
Output Power,4ΩLoad
THD+N≤10%,f=1KHz
2.56
P
O
Output Power,8ΩLoad
THD+N≤10%,f=1KHz
1.8
W
T
D
Wake-up time
100
mS
THD+N
TotalHarmonic
Distortion+Noise
20Hz ≤ f ≤ 20kHz, AVD = 2
RL = 8 , PO= 1W
0.2
%
PSRR
Power
Supply
Rejection
Ratio
Vripple=200mV sine P-P
Input terminated With 10Ω
63(f=217Hz)6
7(f=1KHz)
60
(min)
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com