Electronic Components Datasheet Search
  English  ▼

X  

ETA6096 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6096
Description  32V Input Standoff Voltage, 2.5A Switching Mode Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6096 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA6096 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ETA6096
www.etasolution.com
3
Empowering Thinkers
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Charge Termination Blanking time
16
S
High side Pmos Rdson
Isw=500mA
120
mΩ
Low side Nmos Rdson
Isw=500mA
100
mΩ
ISET
ISET Voltage
Normal Charging
0.8
V
ISET Voltage
Stop Charging
1
V
THERMAL PROTECTION
Charging Thermal Regulation
threshold
85
o
C
Thermal Shutdown
Rising, Hys=20oC
150
o
C
PIN DESCRIPTION
PIN #
NAME DESCRIPTION
1
VIN
Input pin. Bypass with a 1uF capacitor to GND.
2
PMID
Connection point between internal OVP and charger. Bypass with a 22uF ceramic
capacitor from PMID to GND. This capacitor should be close to the PMID pin.
3
PGND
Power Ground pin
4
NC
No Connection
5
SW
Switching Pin. Connect with an inductor between this pin and positive terminal of
battery
6
BATS
Battery Voltage sense pin. Connect to the battery positive terminal with a separate
sensing wire to avoid voltage drop to achieve accurate battery CV charging
8
ISET
Charging Current setting pin. Connect a resistor between this pin and analog ground
to set the current level.
9
STAT
Charge status indication pin. When in charging, STAT is pulled low. And STAT
become high-impedance when charging is completed.
7,10/
Exposed pad
AGND
Analog Ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com