Electronic Components Datasheet Search
  English  ▼

X  

ETA6096 Datasheet(PDF) 4 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6096
Description  32V Input Standoff Voltage, 2.5A Switching Mode Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6096 Datasheet(HTML) 4 Page - ETA SOLUTIONS CO. LIMITED

  ETA6096 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ETA6096
www.etasolution.com
4
Empowering Thinkers
TYPICAL CHARACTERISTICS
(Vin=5V, TA=250C, unless otherwise specified)
Complete charging cycle of a 5600mAH battery at 2.15A charge current
0
0.5
1
1.5
2
2.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Vbat (V)
Charge Current Vs. Battery Voltage
Vin=5V
Iset=2A
80%
85%
90%
95%
100%
1
1.5
2
2.5
3
3.5
4
4.5
5
Vbat (V)
Charging Efficiency Vs. Battery Voltage
Vin=5V
Iset=2A
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
0
30
60
90
120
150
180
210
240
time (minutes)
Icharger=2.1A
5600mAH Battery



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com