Electronic Components Datasheet Search
  English  ▼

X  

ETA6096 Datasheet(PDF) 6 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6096
Description  32V Input Standoff Voltage, 2.5A Switching Mode Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6096 Datasheet(HTML) 6 Page - ETA SOLUTIONS CO. LIMITED

  ETA6096 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ETA6096
www.etasolution.com
6
Empowering Thinkers
ADJUSTING CHARGE CURRENT by PWM VOLTAGE
1
8
5
2
3
10
7
6
VIN
ISET
AGND
AGND
PMID
SW
BATS
PGND
ETA6096
Riset
VIN
+
-
22uF
2.2uH
10uF
Li+ Battery
1uF
Optional, to real-time
adjust charge current
Vpwm
R1
9
STAT
1K
As given by above application circuit, one can real-time adjust the charge current by a PWM signal with different duty-
cycle. The Vpwm is the RC filtered voltage of the PWM signal, and it will change linearly with the duty-cycle of the PWM
signal. Followings are 2 examples of charge current’s relationship to Vpwm. Please contact ETA engineers if one wants
to have specific real-time charge current setting, the choosing of R1 and Rset value will be provided quickly.
Charge Current Vs. Vpwm at R1=200K, Rset=160K
Charge Current Vs. Vpwm at R1=220K, Rset=130K
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
Vpwm(V)
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
Vpwm(V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com