Electronic Components Datasheet Search
  English  ▼

X  

ETA6096 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA6096
Description  32V Input Standoff Voltage, 2.5A Switching Mode Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA6096 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA6096 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA6096 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ETA6096
www.etasolution.com
1
Empowering Thinkers
32V Input Standoff Voltage, 2.5A Switching Mode Battery Charger
DESCRIPTION
FEATURES
ETA6096 is a high efficiency, switching Li-Ion battery
charger capable of delivering up to 2.5A of charging
current to the battery. For charging, it uses a
proprietary control scheme that eliminates the current
sense resistor for conventional constant current
control, maximizing efficiency, reducing charging time
and reducing costs.
An OVP function protects the IC itself and its
downstream system against input voltage surges.
With this OVP function, the IC can stand off input
voltage as high as 32V, making it an ideal solution for
industrial applications.
ETA6096 is suitable for charging a 4.2V Li-ion battery.
And ETA6096 is in DFN3x3-10 package.
Switching Charger
32V Input Standoff Voltage
Input Over Voltage Protection
60ns Fast OVP Transient Response
Up to 94% Efficiency
Up to 2.5A Max charging current
No-Battery detection
No External Sense Resistor
DFN3x3-10 Package
RoHS Compliant
APPLICATIONS
Tablet, MID
Smart Phone
TYPICAL APPLICATION
1
8
5
2
3
10
7
6
VIN
ISET
AGND
AGND
PMID
SW
BATS
PGND
ETA6096
Riset
VIN
+
-
22uF
2.2uH
10uF
Li+ Battery
1uF
Optional, to real-time
adjustcharge current
Vpwm
R1
9
STAT
1K
ORDERING
INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA6096D3K
DFN3x3-10
ETA6096
YWW2L
5000


Similar Part No. - ETA6096

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA6002 ETA-ETA6002 Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6002E8A ETA-ETA6002E8A Datasheet
173Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path in 8-pin ESOP
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6003Q3Q ETA-ETA6003Q3Q Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA6005 ETA-ETA6005 Datasheet
186Kb / 1P
2.5A / 4.35V, 3MHz Switching Charger with Dynamic Power Path Management
More results

Similar Description - ETA6096

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8061 LINER-LTM8061 Datasheet
208Kb / 20P
32V, 2A 關Module Li-Ion/ Polymer Battery Charger
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Linear Technology
LTM8061 LINER-LTM8061_15 Datasheet
390Kb / 22P
32V, 2A Module Li-Ion/ Polymer Battery Charger
logo
ETA SOLUTIONS CO. LIMIT...
ETA6085 ETA-ETA6085 Datasheet
158Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger with 2.5A USB OTG
logo
Richtek Technology Corp...
RT9535B RICHTEK-RT9535B Datasheet
1Mb / 18P
High Efficiency Switching Mode Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4055A HMSEMI-HM4055A Datasheet
1Mb / 16P
9V Input Voltage Battery Linear Charger
HM5030 HMSEMI-HM5030 Datasheet
361Kb / 10P
High input Voltage Linear Li-Ion Battery Charger
HM5064 HMSEMI-HM5064 Datasheet
1Mb / 11P
High withstand voltage 2.5A synchronous step-down lithium battery charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com