Electronic Components Datasheet Search
  English  ▼

X  

PCA9549 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9549
Description  Octal bus switch with individually I2C-bus controlled enables
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9549 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9549 Datasheet HTML 1Page - NXP Semiconductors PCA9549 Datasheet HTML 2Page - NXP Semiconductors PCA9549 Datasheet HTML 3Page - NXP Semiconductors PCA9549 Datasheet HTML 4Page - NXP Semiconductors PCA9549 Datasheet HTML 5Page - NXP Semiconductors PCA9549 Datasheet HTML 6Page - NXP Semiconductors PCA9549 Datasheet HTML 7Page - NXP Semiconductors PCA9549 Datasheet HTML 8Page - NXP Semiconductors PCA9549 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PCA9549_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 July 2006
5 of 24
Philips Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
6.
Functional description
6.1 Device addressing
Following a START condition, the bus master must output the address of the slave it is
accessing. The address of the PCA9549 is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while a logic 0 selects a write operation.
6.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9549, which will be stored in the Control register. If multiple bytes are
received by the PCA9549, it will save the last byte received. This register can be written
and read via the I2C-bus.
6.2.1 Control register definition
One or several bits are selected by the contents of the Control register. This register is
written after the PCA9549 has been addressed. The entire control byte is used to
determine which bit is to be selected. When a bit is selected to close, the bit will close
after the Acknowledge has been placed on the I2C-bus.
Fig 5.
Slave address
002aaa962
1
1
1
0
A2
A1
A0 R/W
fixed
hardware
selectable
Fig 6.
Control register
002aab254
B7
B6
B5
B4
B3
B2
B1
B0
channel selection bits
(read/write)
76543210
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com