Electronic Components Datasheet Search
  English  ▼

X  

PCA9549 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9549
Description  Octal bus switch with individually I2C-bus controlled enables
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9549 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9549 Datasheet HTML 11Page - NXP Semiconductors PCA9549 Datasheet HTML 12Page - NXP Semiconductors PCA9549 Datasheet HTML 13Page - NXP Semiconductors PCA9549 Datasheet HTML 14Page - NXP Semiconductors PCA9549 Datasheet HTML 15Page - NXP Semiconductors PCA9549 Datasheet HTML 16Page - NXP Semiconductors PCA9549 Datasheet HTML 17Page - NXP Semiconductors PCA9549 Datasheet HTML 18Page - NXP Semiconductors PCA9549 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
PCA9549_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 July 2006
15 of 24
Philips Semiconductors
PCA9549
Octal bus switch with individually I2C-bus controlled enables
11. Application information
Remark: B can also be input and A can also be output as shown in bit 8.
Fig 16. Typical application
PCA9549
1A
1B
A1
A0
VSS
SDA
SCL
RESET
VDD = 5.0 V
VDD = 5.0 V
I2C-bus/SMBus
MASTER
SDA
SCL
bit 1
A2
2A
2B
bit 2
3A
3B
bit 3
4A
4B
bit 4
5A
5B
bit 5
6A
6B
bit 6
7A
7B
bit 7
8A
8B
bit 8
002aaa995
Fig 17. Custom multiplexer or demultiplexer application
RESET
SCL
SDA
002aac279
AB
C
D
E
AB
C
D
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com