Electronic Components Datasheet Search
  English  ▼

X  

CC2570 Datasheet(PDF) 3 Page - Texas Instruments

Part # CC2570
Description  1- and 8-Channel ANT™ RF Network Processors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2570 Datasheet(HTML) 3 Page - Texas Instruments

  CC2570 Datasheet HTML 1Page - Texas Instruments CC2570 Datasheet HTML 2Page - Texas Instruments CC2570 Datasheet HTML 3Page - Texas Instruments CC2570 Datasheet HTML 4Page - Texas Instruments CC2570 Datasheet HTML 5Page - Texas Instruments CC2570 Datasheet HTML 6Page - Texas Instruments CC2570 Datasheet HTML 7Page - Texas Instruments CC2570 Datasheet HTML 8Page - Texas Instruments CC2570 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
RF RECEIVE SECTION
1 Mbps, GFSK, 160-kHz deviation. Measured on Texas Instruments CC2570/71 reference design with TA = 25°C, VDD = 3 V,
and fC = 2440 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver sensitivity
0.1% BER
–86
dBm
Saturation
10
dBm
Co-channel rejection
–9
dB
Adjacent-channel rejection
±2 MHz
23
dB
Alternate-channel rejection
±4 MHz
39
dB
Frequency error tolerance(1)
Including both initial tolerance and
–150
150
kHz
drift
Symbol rate error tolerance(2)
–50
50
ppm
Spurious emission. Only largest
Conducted measurement with a
–70
dBm
spurious emission stated within each
50-
Ω single-ended load. Complies
band.
with EN 300 328, EN 300 440 class
2, FCC CFR47, Part 15 and ARIB
STD-T-66.
(1)
Difference between center frequency of the received RF signal and local oscillator frequency
(2)
Difference between incoming symbol rate and the internally generated symbol rate
RF TRANSMIT SECTION
Measured on CC2570/71 reference design with TA = 25°C, VDD = 3 V, and fC = 2440 MHz, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output power, maximum setting
Delivered to a single-ended 50-
Ω
4
dBm
load through a balun using
maximum recommended output
power setting.
Output power, minimum setting
Delivered to a single-ended 50-
Ω
–21
dBm
load through a balun using
minimum recommended output
power setting.
Programmable output power range
Delivered to a single-ended 50-
Ω
25
dB
load through a balun. Conducted
measurement with a 50-
Ω
single-ended load.
Spurious emissions, conducted
Complies with EN 300 328, EN 300
–45
dBm
440 class 2, FCC CFR47, Part 15
and ARIB STD-T-66. (1)
(1)
Designs with antenna connectors that require conducted ETSI compliance at 64 MHz should insert an LC resonator in front of the
antenna connector. Use a 1.6-nH inductor in parallel with a 1.8-pF capacitor. Connect both from the signal trace to a good RF ground.
ANT OVERVIEW
ANT is a proven ultralow-power wireless protocol operating in the license-free 2.4-GHz ISM band. It has been
specifically designed to target battery operated devices that require years of battery life (often on a single coin
cell) without sacrificing the robust features expected of a mature wireless protocol. These features include
sophisticated co-existence mechanisms, practical topologies that go beyond simple peer-to-peer or star, easy
proximity-based pairing methods, and the seamless transfer of bulk data from one coin-cell-operated device to
another. Combined, these features enable products that are easy to use and quickly adopted by the end user.
ANT is also the fundamental building block of ANT+, which further enhances the user experience by allowing
manufacturers to create interoperable wireless devices based on ANT+ device profiles.
ANT provides for an easy development and integration experience. By fully integrating the lower four layers of
the OSI stack onto a single chip, designers can focus on their applications and not the wireless protocol. This
enables quick development cycles, fast time to market, and lower BOM costs.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com