Electronic Components Datasheet Search
  English  ▼

X  

CC2570 Datasheet(PDF) 5 Page - Texas Instruments

Part # CC2570
Description  1- and 8-Channel ANT™ RF Network Processors
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2570 Datasheet(HTML) 5 Page - Texas Instruments

  CC2570 Datasheet HTML 1Page - Texas Instruments CC2570 Datasheet HTML 2Page - Texas Instruments CC2570 Datasheet HTML 3Page - Texas Instruments CC2570 Datasheet HTML 4Page - Texas Instruments CC2570 Datasheet HTML 5Page - Texas Instruments CC2570 Datasheet HTML 6Page - Texas Instruments CC2570 Datasheet HTML 7Page - Texas Instruments CC2570 Datasheet HTML 8Page - Texas Instruments CC2570 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
S
M
M0212-01
Master
Time
Time
T0496-01
Slave
Channel TimeSlot
(Always)
Forward
Direction
(Optional)
Reverse
Direction
t
ch
t
ch
t
ch
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
ANT CHANNELS
ANT channels are the fundamental building blocks of ANT networks. An ANT channel is a logical connection
between two ANT nodes. ANT channels are fully independent, meaning that multiple channels can form a
network without the need for a central coordinator or a network master, with each channel managing itself
relative to other channels in the RF space. A single ANT node can support multiple channel endpoints, each
completely independent of the other, allowing master and slave combinations on a single device. ANT channels
are also ad hoc, allowing connections to be created and destroyed on an as-needed basis.
Figure 3. ANT Channel
An ANT channel is formed between a master and a slave endpoint (Figure 3). The master endpoint is the
communication initiator and controls the channel. The master is often referred to as the primary transmitter, as it
is always transmitting a data packet at a specific channel period to keep the channel synchronized. The channel
period can vary from 0.5 Hz to 200 Hz and can be changed dynamically by the application host MCU. Each data
packet carries exactly 8 bytes of application data payload. The slave endpoint is the communication acceptor, or
primary receiver. It searches for master transmissions and then synchronizes to the master at the channel period
of the master, or a multiple thereof. The slave only transmits data to the master if it is instructed to do so by the
application MCU. Figure 4 illustrates the behavior of a bidirectional synchronized ANT channel.
Figure 4. ANT Channel Timing
The search algorithm used by the slave to find the master has been specifically designed to optimize battery life.
The slave duty-cycles its radio at a specific rate to trade off acquisition latency for power consumption, allowing
for prolonged searches that can still operate on a coin cell battery.
Each packet transmitted by ANT is characterized by the following parameters:
•
8-byte data payload
•
Frequency (2400 MHz to 2485 MHz)
•
2-byte network key
•
4-byte channel ID
Each of these parameters can be changed by the application MCU between message periods.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com