Electronic Components Datasheet Search
  English  ▼

X  

DAC1282IPW Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC1282IPW
Description  DAC1282 Low Distortion Digital-to-Analog Converter for Seismic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1282IPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC1282IPW Datasheet HTML 17Page - Texas Instruments DAC1282IPW Datasheet HTML 18Page - Texas Instruments DAC1282IPW Datasheet HTML 19Page - Texas Instruments DAC1282IPW Datasheet HTML 20Page - Texas Instruments DAC1282IPW Datasheet HTML 21Page - Texas Instruments DAC1282IPW Datasheet HTML 22Page - Texas Instruments DAC1282IPW Datasheet HTML 23Page - Texas Instruments DAC1282IPW Datasheet HTML 24Page - Texas Instruments DAC1282IPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
2 k
Output
Amplifier
CAPP
VOUTP
VOUTN
CAPN
Current
DAC
1 nF
1 nF
2 k
5 V
Reference
0.1 µF
(1)
VREF
AVSS (14)
+V
-2.5 V
220 k
Power-down
Switch
Internal
Circuitry
AVSS (23)
DAC1282, DAC1282A
www.ti.com
SBAS490B – DECEMBER 2011 – REVISED MAY 2015
8.2.3 Reference Voltage (VREF)
The DAC1282 requires an external reference for operation. Although reference voltage as low as 2.5 V can be
used, best SNR is achieved with a 5-V reference. The reference input is defined as the voltage difference
between VREF and AVSS (that is, VREF = VREF – AVSS). The DAC1282 output scales with VREF; consequently,
reference noise or drift appears on the DAC output. Excessive reference noise may lead to degraded SNR. A
low-drift and low-noise reference is recommended.
Connect the external reference ground pin directly to the AVSS pins using a star connector to AVSS pin 14. Star
connection minimizes the possibility of power-supply crosstalk. Also, connect a 0.1-µF capacitor close to the
VREF and AVSS terminals to reduce noise susceptibility. Figure 35 shows the reference connection. The
reference input impedance is 220 k
Ω. In power-down the switch is off, resulting in very high input impedance. For
single-supply applications, connect AVSS to a clean analog ground point.
(1) Recommended bypass capacitor.
Figure 35. Reference Input Connection
8.2.4 Output Filter (CAPP, CAPN)
The CAPP and CAPN pins are the connections for two external capacitors, one capacitor connects to CAPP and
VOUTP and the other capacitor connects to CAPN and VOUTN. The capacitors are required to filter the DAC
sampling noise. The capacitor values are 1 nF; capacitors with low voltage coefficients should be used (C0G
ceramic or film).
As seen in Figure 36, the external capacitors form an analog low-pass filter with the internal feedback resistors.
After step changes to the data in the sine, dc, and digital data modes, the settling of the DAC and the analog
filter is 100-µs typical, as shown in Figure 46. In pulse mode, the filter is internally disabled, yielding shorter
settling time.
Figure 36. Output Filter
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com