Electronic Components Datasheet Search
  English  ▼

X  

DAC1282IPW Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC1282IPW
Description  DAC1282 Low Distortion Digital-to-Analog Converter for Seismic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1282IPW Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC1282IPW Datasheet HTML 19Page - Texas Instruments DAC1282IPW Datasheet HTML 20Page - Texas Instruments DAC1282IPW Datasheet HTML 21Page - Texas Instruments DAC1282IPW Datasheet HTML 22Page - Texas Instruments DAC1282IPW Datasheet HTML 23Page - Texas Instruments DAC1282IPW Datasheet HTML 24Page - Texas Instruments DAC1282IPW Datasheet HTML 25Page - Texas Instruments DAC1282IPW Datasheet HTML 26Page - Texas Instruments DAC1282IPW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
CLK
t
CLK
t
CPWH
t
CPWL
DAC1282, DAC1282A
www.ti.com
SBAS490B – DECEMBER 2011 – REVISED MAY 2015
8.2.6 Clock Input (CLK)
The CLK pin is the master clock input to the DAC1282, nominally 4.096 MHz. As with any high-performance data
converter, a high-quality clock source is essential. A crystal oscillator or low-jitter PLL clock source is
recommended. Make sure to avoid ringing on the input by keeping the trace short and source-terminating
(typically 50
Ω). See the CLK specifications shown in Figure 38 and Table 9.
Figure 38. CLK Timing Requirements
Table 9. Requirements for Figure 38
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tCLK
CLK period
235
1000
ns
tCPWH, L
CLK pulse width high or low
95
900
ns
8.2.7 Switch Control/External Digital Input (SW/TD)
SW/TD is a multi-function digital input pin. The SW/TD function depends on the mode of operation.
8.2.7.1 SW Function
In sine, dc, and pulse mode, SW/TD controls the output switch. When SW/TD is low, all switches are forced
open, overriding the switch register setting (SW[2:0]). When SW/TD is high, the switch is transparent to the value
of register setting. In power-down mode, the switch is forced open.
8.2.7.2 TD Function
In digital input mode, SW/TD is the signal input used to drive the DAC. The data input are modulated by ones-
density and are clocked in by the master clock (CLK). When the ones-density is 75% (that is, on average, three
out of four bits are '1'), the differential output voltage is at the positive maximum value. When the ones-density is
25% (that is, on average, three out of four bits are '0'), the differential output voltage is at the negative maximum
value. When the ones-density is 50% (on average, an equal number of '0's and '1's), the differential output is
zero.
SW/TD is sampled by the DAC1282 at the rate of CLK/16. Therefore, the sampling can have ±8 CLK periods of
uncertainty. SYNC can be used to eliminate the uncertainty by synchronizing the phase of SW/TD to the desired
CLK cycle. Synchronizing the digital input results in a consistent phase of the output signal; see the SYNC
section.
The output range is set by the analog gain bits, GAIN[2:0]; see Table 3. Equation 3 describes the DAC output
versus the bitstream input ones-density. Make sure to avoid ringing on the input by keeping the trace short. In
some cases, source-terminating resistors may be necessary (20
Ω to 50 Ω).
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: DAC1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com