Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA253
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA253 Datasheet HTML 11Page - Texas Instruments INA253 Datasheet HTML 12Page - Texas Instruments INA253 Datasheet HTML 13Page - Texas Instruments INA253 Datasheet HTML 14Page - Texas Instruments INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments INA253 Datasheet HTML 18Page - Texas Instruments INA253 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Frequency (Hz)
0.01%
0.1%
1%
10%
1
10
100
1k
10k
100k
1M
D006
90% FS Input
15
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Input Signal Bandwidth
The INA253 input signal, which represents the current being measured, is accurately measured with minimal
disturbance from large ΔV/Δt common-mode transients as previously described. For PWM signals typically
associated with motors, solenoids, and other switching applications, the current being monitored varies at a
significantly slower rate than the faster PWM frequency.
The INA253 bandwidth is defined by the –3-dB bandwidth of the current-sense amplifier inside the device; see
the Electrical Characteristics for more information. The device bandwidth provides fast throughput and fast
response required for the rapid detection and processing of overcurrent events. Without the higher bandwidth,
protection circuitry may not have adequate response time, and damage may occur to the monitored application
or circuit.
Figure 32 shows the performance profile of the device over frequency. Harmonic distortion increases at the
upper end of the amplifier bandwidth with no adverse change in detection of overcurrent events. However,
increased distortion at the highest frequencies must be considered when the measured current bandwidth begins
to approach the INA253 bandwidth.
Figure 32. Amplifier Performance Over Frequency
For applications requiring distortion sensitive signals, Figure 32 provides information to show that there is an
optimal frequency performance range for the amplifier. The full amplifier bandwidth is always available for fast
overcurrent events at the same time that the lower-frequency signals are amplified at a low distortion level. The
output signal accuracy is reduced for frequencies closer to the maximum bandwidth. Individual requirements
determine the acceptable limits of distortion for high-frequency, current-sensing applications. Testing and
evaluation in the end application or circuit are required to determine the acceptance criteria, and to validate the
performance levels meet the system specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com