Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA253
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA253 Datasheet HTML 23Page - Texas Instruments INA253 Datasheet HTML 24Page - Texas Instruments INA253 Datasheet HTML 25Page - Texas Instruments INA253 Datasheet HTML 26Page - Texas Instruments INA253 Datasheet HTML 27Page - Texas Instruments INA253 Datasheet HTML 28Page - Texas Instruments INA253 Datasheet HTML 29Page - Texas Instruments INA253 Datasheet HTML 30Page - Texas Instruments INA253 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
INA253
IS-
IS-
IS-
SH-
IN-
DNC1
NC
VS
GND
REF2
IS+
IS+
IS+
SH+
IN+
DNC2
OUT
NC
NC
REF1
Bypass
Capacitor
Power
Supply
VIA
GnD
VIA
GnD
VIA
Signal Plane
Signal Plane
27
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Power Supply Recommendations
The INA253 makes accurate measurements beyond the connected power-supply voltage (VS) because the
inputs (IN+ and IN–) operate anywhere between –4 V and +80 V, independent of VS. For example, the VS power
supply equals 5 V and the common-mode voltage of the measured shunt can be as high as 80 V. Although the
common-mode voltage of the input can be beyond the supply voltage, the output voltage range of the INA253 is
constrained to the supply voltage.
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.1 μF. Additional decoupling capacitance can be added to compensate for
noisy or high-impedance power supplies. If the INA253 output is set to mid-supply, then take extreme care to
minimize noise on the power supply.
11 Layout
11.1 Layout Guidelines
•
This device is specified for current handling of up to 10 A over the entire –40°C to +125°C temperature range
using a 1-oz copper pour for the input power plane, as well as no external airflow passing over the device.
•
The primary current-handling limitation for this device is how much heat is dissipated inside the package.
Efforts to improve heat transfer out of the package and into the surrounding environment improve the ability of
the device to handle currents of up to 15 A over the entire –40°C to +125°C temperature range.
•
Heat transfer improvements primarily involve larger copper power traces and planes with increased copper
thickness (2 oz), as well as providing airflow to pass over the device. The INA253 evaluation module (EVM)
features a 2-oz copper pour for the planes, and is capable of supporting 15 A at temperatures up to 125°C.
•
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The
recommended value of this bypass capacitor is 0.1 µF. Additional decoupling capacitance can be added to
compensate for noisy or high-impedance power supplies.
11.2 Layout Example
Figure 47. INA253 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com