Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA253
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA253 Datasheet HTML 12Page - Texas Instruments INA253 Datasheet HTML 13Page - Texas Instruments INA253 Datasheet HTML 14Page - Texas Instruments INA253 Datasheet HTML 15Page - Texas Instruments INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments INA253 Datasheet HTML 18Page - Texas Instruments INA253 Datasheet HTML 19Page - Texas Instruments INA253 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
IS+
IS±
IN+
IN±
SH+
SH±
2 m
0.1%
50 k
50 k
+
±
REF2
REF1
VS
GND
OUT
PWM
Rejection
IS+
IS±
IN+
IN±
SH+
SH±
2 m
0.1%
50 k
50 k
16
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Adjusting the Output Midpoint With the Reference Pins
Figure 33 shows a test circuit for reference-divider accuracy. The INA253 output is configurable to allow for
unidirectional or bidirectional operation.w
CAUTION
Do not connect the REF1 pin or the REF2 pin to any voltage source lower than GND
or higher than VS.
The output voltage is set by applying a voltage or voltages to the reference voltage inputs, REF1 and REF2. The
reference inputs are connected to an internal gain network. There is no operational difference between the two
reference pins.
Figure 33. Adjusting the Output Midpoint
8.4.2 Reference Pin Connections for Unidirectional Current Measurements
Unidirectional operation allows current measurements through a resistive shunt in one direction. For
unidirectional operation, connect the device reference pins together and then to the negative rail (see the Ground
Referenced Output section). The required differential input polarity depends on the output voltage setting. The
amplifier output moves away from the referenced rail proportional to the current passing through the internal
shunt resistor.
8.4.3 Ground Referenced Output
When using the INA253 in unidirectional mode with a ground-referenced output, both reference inputs are
connected to ground. Figure 34 shows how this configuration takes the output to ground when there is 0-A
flowing across the internal shunt.
Figure 34. Ground-Referenced Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com