Electronic Components Datasheet Search
  English  ▼

X  

INA253 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA253
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA253 Datasheet HTML 16Page - Texas Instruments INA253 Datasheet HTML 17Page - Texas Instruments INA253 Datasheet HTML 18Page - Texas Instruments INA253 Datasheet HTML 19Page - Texas Instruments INA253 Datasheet HTML 20Page - Texas Instruments INA253 Datasheet HTML 21Page - Texas Instruments INA253 Datasheet HTML 22Page - Texas Instruments INA253 Datasheet HTML 23Page - Texas Instruments INA253 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
S
3000
Gain Error Factor
R
3000
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
Differential Input Voltage (V)
0
0.2
0.4
0.6
0.8
1
-100
-50
0
50
100
150
200
250
IB+
IB-
20
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Application Information (continued)
Figure 40. Input Bias Current vs Differential Input Voltage
Calculate the measurement error expected from the additional external filter resistors using Equation 1.
where
•
Gain Error Factor is calculated using Equation 2.
(1)
Where:
•
RS is the external filter resistance value
(2)
Calculate the gain error factor, shown in Equation 2, in order to determine the gain error introduced by the
additional external series resistance. Equation 1 calculates the deviation of the shunt voltage resulting from the
attenuation and imbalance created by the added external filter resistance. Table 1 provides the gain error factor
and gain error for several resistor values.
Table 1. Gain Error Factor and Gain Error for External Input Resistors
EXTERNAL RESISTANCE (Ω)
GAIN ERROR FACTOR
GAIN ERROR (%)
5
0.998
0.17
10
0.997
0.33
100
0.968
3.23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com