Electronic Components Datasheet Search
  English  ▼

X  

LM231 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM231
Description  LMx31x Precision Voltage-to-Frequency Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM231 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM231 Datasheet HTML 5Page - Texas Instruments LM231 Datasheet HTML 6Page - Texas Instruments LM231 Datasheet HTML 7Page - Texas Instruments LM231 Datasheet HTML 8Page - Texas Instruments LM231 Datasheet HTML 9Page - Texas Instruments LM231 Datasheet HTML 10Page - Texas Instruments LM231 Datasheet HTML 11Page - Texas Instruments LM231 Datasheet HTML 12Page - Texas Instruments LM231 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LM231, LM331
www.ti.com
SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015
8 Detailed Description
8.1 Overview
8.1.1 Detail of Operation, Functional Block Diagram
The Functional Block Diagram shows a band gap reference which provides a stable 1.9-VDC output. This 1.9 VDC
is well regulated over a VS range of 3.9 V to 40 V. It also has a flat, low temperature coefficient, and typically
changes less than ½% over a 100°C temperature change.
The current pump circuit forces the voltage at pin 2 to be at 1.9 V, and causes a current i = 1.90 V/RS to flow.
For RS=14 k, i=135 μA. The precision current reflector provides a current equal to i to the current switch. The
current switch switches the current to pin 1 or to ground, depending upon the state of the R-S flip-flop.
The timing function consists of an R-S flip-flop and a timer comparator connected to the external RtCt network.
When the input comparator detects a voltage at pin 7 higher than pin 6, it sets the R-S flip-flop which turns ON
the current switch and the output driver transistor. When the voltage at pin 5 rises to
⅔ VCC, the timer comparator
causes the R-S flip-flop to reset. The reset transistor is then turned ON and the current switch is turned OFF.
However, if the input comparator still detects the voltage on pin 7 as higher than pin 6 when pin 5 crosses
⅔
VCC, the flip-flop will not be reset, and the current at pin 1 will continue to flow, trying to make the voltage at pin 6
higher than pin 7. This condition will usually apply under start-up conditions or in the case of an overload voltage
at signal input. During this sort of overload the output frequency will be 0. As soon as the signal is restored to the
working range, the output frequency will be resumed.
8.2 Functional Block Diagram
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM231 LM331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com