| Electronic Components Datasheet Search |
|
LM231 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM231 Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 24 page ![]() Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LM231, LM331 SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015 LMx31x Precision Voltage-to-Frequency Converters 1 Features 3 Description The LMx31 family of voltage-to-frequency converters 1 • Ensured Linearity 0.01% Maximum are ideally suited for use in simple low-cost circuits • Improved Performance in Existing Voltage-to- for analog-to-digital conversion, precision frequency- Frequency Conversion Applications to-voltage conversion, long-term integration, linear • Split or Single-Supply Operation frequency modulation or demodulation, and many other functions. The output when used as a voltage- • Operates on Single 5-V Supply to-frequency converter is a pulse train at a frequency • Pulse Output Compatible With All Logic Forms precisely proportional to the applied input voltage. • Excellent Temperature Stability: ±50 ppm/°C Thus, it provides all the inherent advantages of the Maximum voltage-to-frequency conversion techniques, and is easy to apply in all standard voltage-to-frequency • Low Power Consumption: 15 mW Typical at 5 V converter applications. • Wide Dynamic Range, 100 dB Minimum at 10-kHz Full Scale Frequency Device Information(1) • Wide Range of Full Scale Frequency: PART NUMBER PACKAGE BODY SIZE (NOM) 1 Hz to 100 kHz LM231 PDIP (8) 9.81 mm × 6.35 mm • Low-Cost LM331 (1) For all available packages, see the orderable addendum at 2 Applications the end of the data sheet. • Voltage to Frequency Conversions • Frequency to Voltage Conversions • Remote-Sensor Monitoring • Tachometers Schematic Diagram 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - LM231 |
|
Similar Description - LM231 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |